Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4027EUD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4027EUD
Description  225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4027EUD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4027EUD Datasheet HTML 1Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 2Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 3Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 4Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 5Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 6Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 7Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 8Page - Maxim Integrated Products MAX4027EUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
225MHz, Triple, 2-Channel Video
Multiplexer-Amplifier
_______________________________________________________________________________________
5
A/B CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
-100
-80
-60
-40
-20
0
-120
100k
1G
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
0.1
1
10
100
0.01
100k
1G
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10M
-80
-70
-60
-50
-40
-30
-20
-90
1M
100M
VOUT_ = 2VP-P
LARGE-SIGNAL PULSE RESPONSE
MAX4027 toc13
VOUT_
1V/div
VIN_ _
500mV/div
0V
0V
10ns/div
SMALL-SIGNAL PULSE RESPONSE
MAX4027 toc14
VOUT_
100mV/div
VIN_ _
50mV/div
0V
0V
10ns/div
LARGE-SIGNAL PULSE RESPONSE
(CLOAD = 20pF)
MAX4027 toc15
VOUT_
1V/div
VIN_ _
500mV/div
0V
0V
10ns/div
SMALL-SIGNAL PULSE RESPONSE
(CLOAD = 20pF)
MAX4027 toc16
VOUT_
100mV/div
VIN_ _
50mV/div
0V
0V
10ns/div
ENABLE RESPONSE TIME
MAX4027 toc17
VOUT_
1V/div
EN
2.5V/div
0V
0V
20ns/div
A/B SWITCHING TRANSIENT
MAX4027 toc18
VOUT_
100mV/div
A/B
2.5V/div
0V
0V
20ns/div
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 150
Ω to GND, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4027EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4020 MAXIM-MAX4020 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX40200 MAXIM-MAX40200 Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
MAX40200AUK++ MAXIM-MAX40200AUK+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
More results

Similar Description - MAX4027EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX442 MAXIM-MAX442 Datasheet
93Kb / 8P
   140MHz, 2-Channel Video Multiplexer/Amplifier
Rev 1; 1/95
logo
New Japan Radio
NJU4053B NJRC-NJU4053B Datasheet
199Kb / 5P
   TRIPLE 2-CHANNEL MULTIPLEXER???
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com