Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD453R20S30MC Datasheet(PDF) 10 Page - International Rectifier

Part # SD453R20S30MC
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD453R20S30MC Datasheet(HTML) 10 Page - International Rectifier

Back Button SD453R20S30MC Datasheet HTML 2Page - International Rectifier SD453R20S30MC Datasheet HTML 3Page - International Rectifier SD453R20S30MC Datasheet HTML 4Page - International Rectifier SD453R20S30MC Datasheet HTML 5Page - International Rectifier SD453R20S30MC Datasheet HTML 6Page - International Rectifier SD453R20S30MC Datasheet HTML 7Page - International Rectifier SD453R20S30MC Datasheet HTML 8Page - International Rectifier SD453R20S30MC Datasheet HTML 9Page - International Rectifier SD453R20S30MC Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SD453N/R Series
10
Bulletin I2076 rev. A 09/94
www.irf.com
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
Trapezoidal Pulse
50 Hz
100
200
400
1000
1500
2000
4000
3000
600
SD453N/R..S30 Series
T = 70°C, V
= 800V
dv/dt = 1000V/us,
di/dt = 100A/us
C
RRM
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joules per pulse
6
Trapezoidal Pulse
SD453N/R..S30 Series
T = 150°C, V
= 800V
J
RRM
0.8
0.6
dv/dt = 1000V/µs; di/dt = 100A/µs
tp
0.4
Fig. 34 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 35 - Frequency Characteristics
1E2
1E3
1E4
1E11E2
1E31E4
1
2
Pulse Basewidth (µs)
4
10 joules per pulse
6
Trapezoidal Pulse
0.8
SD453N/R..S30 Series
T = 150°C, V
= 800V
J
RRM
0.6
dv/dt = 1000V/µs; di/dt = 300A/µs
tp
1E2
1E3
1E4
1E11E2
1E31E4
Pulse Basewidth (µs)
Trapezoidal Pulse
50 Hz
100
200
400
1000
1500
2000
4000
3000
600
dv/dt = 1000V/us,
di/dt = 300A/us
T = 70°C, V
= 800V
SD453N/R..S30 Series
C
RRM
tp
Fig. 33 - Frequency Characteristics
Fig. 32 - Maximum Total Energy Loss Per Pulse Characteristics


Similar Part No. - SD453R20S30MC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD453R IRF-SD453R Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results

Similar Description - SD453R20S30MC

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com