Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6537F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB6537F
Description  3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6537F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB6537F Datasheet HTML 1Page - Toshiba Semiconductor TB6537F Datasheet HTML 2Page - Toshiba Semiconductor TB6537F Datasheet HTML 3Page - Toshiba Semiconductor TB6537F Datasheet HTML 4Page - Toshiba Semiconductor TB6537F Datasheet HTML 5Page - Toshiba Semiconductor TB6537F Datasheet HTML 6Page - Toshiba Semiconductor TB6537F Datasheet HTML 7Page - Toshiba Semiconductor TB6537F Datasheet HTML 8Page - Toshiba Semiconductor TB6537F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TB6537P/F
2003-02-20
5
Pin No.
TB6537P TB6537F
Symbol
I/O
Description
¾
20
NC
¾
Not connected
15
21
OUT_WP
O
W-phase upper turn-on signal output pin
· W-phase winding wire positive ON/OFF switching pin
· ON: Low, OFF: High
16
22
OUT_WN
O
W-phase lower turn-on signal output pin
· W-phase winding wire negative ON/OFF switching pin
· ON: High, OFF: Low
17
23
OC
I
Overcurrent signal input pin
· High on this pin can put constraints on the turn-on signal which is performing PWM
control.
· Built-in pull-up resistor
18
24
WAVE
I
Positional signal input pin
· Inputs majority logic synthesis signal of three-phase pin voltage.
· Built-in pull-up resistor
Functional Description
1.
Sensorless Drive
On receipt of PWM signal start instruction turn-in signal for forcible commutation (commutation
irrespective of the motor’s rotor position) is output and the motor starts to rotate. The motor’s rotation
causes induced voltage on winding wire pin for each phase.
When signals indicating positive or negative for pin voltage (including induced voltage) for each phase
are input on respective positional signal input pin, the turn-on signal for forcible commutation is
automatically switched to turn-on signal for positional signal (induced voltage).
Thereafter turn-on signal is formed according to the induced voltage contained in the pin voltage so as to
drive the brushless DC motor.
2.
Starting commutation frequency (resonator pin and counter bit select pin)
The forcible commutation frequency at the time of start is determined by the resonator’s frequency and
the number of counter bit (within the IC).
Starting commutation frequency fst = Resonator frequency fxt/(6 ´ 2 (bit + 3))
bit = 14
The forcible commutation frequency at the time of start can be adjusted using inertia of the motor and
load.
· The forcible commutation frequency should be set higher as the number of magnetic poles increases.
· The forcible commutation frequency should be set lower as the inertia of the load increases.
3.
PWM Control
PWM signal can be reflected in turn-on signal by supplying PWM signal from external sources.
The frequency of the PWM signal shoud be set adequately high with regard to the electrical frequency of
the motor and in accordance to the switching characteristics of the drive circuit.
Because positional detection is performed in synchronization with the rising edges of PWM signal,
positional detection cannot be performed with 0% duty or 100% duty.
The voltage applied to the motor is duty 100% because of the storage time of the drive circuit even if the
duty is 99%.
Duty (max)
Duty (min)
250 ns
250 ns


Similar Part No. - TB6537F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537F TOSHIBA-TB6537F Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6537FG TOSHIBA-TB6537FG Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
More results

Similar Description - TB6537F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F_06 Datasheet
380Kb / 14P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com