Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADVFC32KN Datasheet(PDF) 1 Page - Analog Devices

Part # ADVFC32KN
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADVFC32KN Datasheet(HTML) 1 Page - Analog Devices

  ADVFC32KN Datasheet HTML 1Page - Analog Devices ADVFC32KN Datasheet HTML 2Page - Analog Devices ADVFC32KN Datasheet HTML 3Page - Analog Devices ADVFC32KN Datasheet HTML 4Page - Analog Devices ADVFC32KN Datasheet HTML 5Page - Analog Devices ADVFC32KN Datasheet HTML 6Page - Analog Devices ADVFC32KN Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADVFC32
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Voltage-to-Frequency and
Frequency-to-Voltage Converter
FEATURES
High Linearity
0.01% Max at 10 kHz FS
0.05% Max at 100 kHz FS
0.2% Max at 500 kHz FS
Output TTL/CMOS-Compatible
V/F or F/V Conversion
6 Decade Dynamic Range
Voltage or Current Input
Reliable Monolithic Construction
MIL-STD-883-Compliant Versions Available
PIN CONFIGURATION
(TOP VIEW)
N-14 Package
H-10A Package
PRODUCT DESCRIPTION
The industry standard ADVFC32 is a low cost monolithic
voltage-to-frequency (V/F) converter or frequency-to-voltage
(F/V) converter with good linearity (0.01% max error at 10 kHz)
and operating frequency up to 0.5 MHz. In the V/F configuration,
positive or negative input voltages or currents can be converted
to a proportional frequency using only a few external compo-
nents. For F/V conversion, the same components are used with
a simple biasing network to accommodate a wide range of input
logic levels.
TTL or CMOS compatibility is achieved in the V/F operating
mode using an open collector frequency output. The pull-up
resistor can be connected to voltages up to 30 volts, or to 15 V
or 5 V for conventional CMOS or TTL logic levels. This resis-
tor should be chosen to limit current through the open collector
output to 8 mA. A larger resistance can be used if driving a high
impedance load.
Input offset drift is only 3 ppm of full scale per
°C, and full-
scale calibration drift is held to a maximum of 100 ppm/
°C
(ADVFC32BH) due to a low T.C. Zener diode.
The ADVFC32 is available in commercial, industrial, and
extended temperature grades. The commercial grade is pack-
aged in a 14-lead plastic DIP while the two wider temperature
range parts are packaged in hermetically sealed 10-lead cans.
PRODUCT HIGHLIGHTS
1. The ADVFC32 uses a charge balancing circuit technique
(see Functional Block Diagram) which is well suited to high
accuracy voltage-to-frequency conversion. The full-scale
operating frequency is determined by only one precision
resistor and capacitor. The tolerance of other support compo-
nents (including the integration capacitor) is not critical.
Inexpensive
±20% resistors and capacitors can be used with-
out affecting linearity or temperature drift.
2. The ADVFC32 is easily configured to satisfy a wide range of
system requirements. Input voltage scaling is set by selecting
the input resistor which sets the input current to 0.25 mA at
the maximum input voltage.
3. The same components used for V/F conversion can also be
used for F/V conversion by adding a simple logic biasing
network and reconfiguring the ADVFC32.
4. The ADVFC32 is intended as a pin-for-pin replacement for
VFC32 devices from other manufacturers.
5. The ADVFC32 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current ADVFC32/883B data sheet for detailed
specifications.


Similar Part No. - ADVFC32KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADVFC32KN AD-ADVFC32KN Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
More results

Similar Description - ADVFC32KN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com