Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6537PG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB6537PG
Description  3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6537PG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB6537PG Datasheet HTML 1Page - Toshiba Semiconductor TB6537PG Datasheet HTML 2Page - Toshiba Semiconductor TB6537PG Datasheet HTML 3Page - Toshiba Semiconductor TB6537PG Datasheet HTML 4Page - Toshiba Semiconductor TB6537PG Datasheet HTML 5Page - Toshiba Semiconductor TB6537PG Datasheet HTML 6Page - Toshiba Semiconductor TB6537PG Datasheet HTML 7Page - Toshiba Semiconductor TB6537PG Datasheet HTML 8Page - Toshiba Semiconductor TB6537PG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TB6537P/F
2003-02-20
1
TOSHIBA CMOS Integrated Circuit
Silicon Monolithic
TB6537P,TB6537F
3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6537P/F is a 3-phase full-wave sensorless controller for
brushless DC motors. It is capable of controlling voltage by PWM
signal input. When combined with various drive circuits it can be
used for various types of motors.
Features
· 3-phase full-wave sensorless drive
· PWM control (PWM signal is supplied from external sources.)
· Turn-on signal output current: 20 mA
· Overcurrent protection function
· Forward/reverse modes
· Lead angle control function (0, 7.5, 15 and 30 degrees)
· Built-in lap turn-on function
· Two types of PWM output (upper PWM and upper/lower
alternate PWM)
TB6537P
TB6537F
Weight
DIP18-P-300-2.54D: 1.47 g (typ.)
SSOP24-P-300-1.00: 0.32 g (typ.)


Similar Part No. - TB6537PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537PG TOSHIBA-TB6537PG Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
More results

Similar Description - TB6537PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F_06 Datasheet
380Kb / 14P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com