Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6537PG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB6537PG
Description  3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6537PG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB6537PG Datasheet HTML 6Page - Toshiba Semiconductor TB6537PG Datasheet HTML 7Page - Toshiba Semiconductor TB6537PG Datasheet HTML 8Page - Toshiba Semiconductor TB6537PG Datasheet HTML 9Page - Toshiba Semiconductor TB6537PG Datasheet HTML 10Page - Toshiba Semiconductor TB6537PG Datasheet HTML 11Page - Toshiba Semiconductor TB6537PG Datasheet HTML 12Page - Toshiba Semiconductor TB6537PG Datasheet HTML 13Page - Toshiba Semiconductor TB6537PG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TB6537P/F
2003-02-20
10
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VDD
5.5
V
Input voltage
Vin
-0.3 to VDD + 0.3
V
Turn-on signal output current
IOUT
20
mA
TB6537P
1.25
Power dissipation
PD
TB6537F
0.59
W
Operating temperature
Topr
-30 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
Recommended Operating Conditions (Ta
==== ----30 to 85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Power supply voltage
VDD
¾
4.5
5.0
5.5
V
Input voltage
Vin
¾
-0.3
¾
VDD
+ 0.3
V
PWM frequency
fPWM
¾
¾
16
¾
kHz
Oscillation frequency
fosc
¾
1.0
¾
10
MHz


Similar Part No. - TB6537PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537PG TOSHIBA-TB6537PG Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
More results

Similar Description - TB6537PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F_06 Datasheet
380Kb / 14P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com