Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9447F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9447F
Description  Single-Chip Audio Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9447F Datasheet HTML 1Page - Toshiba Semiconductor TC9447F Datasheet HTML 2Page - Toshiba Semiconductor TC9447F Datasheet HTML 3Page - Toshiba Semiconductor TC9447F Datasheet HTML 4Page - Toshiba Semiconductor TC9447F Datasheet HTML 5Page - Toshiba Semiconductor TC9447F Datasheet HTML 6Page - Toshiba Semiconductor TC9447F Datasheet HTML 7Page - Toshiba Semiconductor TC9447F Datasheet HTML 8Page - Toshiba Semiconductor TC9447F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
TC9447F
2002-02-05
4
Pin Function
Pin
No.
Symbol
I/O
Function
Remarks
1
ECKO
O
Amp output pin for external clock input
2
ECKI
I
Amp input pin for external clock input
Pulled-down resistor
(with on/off switching
function)
3
GNDX
Ground pin for oscillator circuit
4
GNDAL
Ground pin for DAC L channel
5
AOL
O
DAC analog signal output pin (L channel)
6
VRL
DAC reference voltage pin (L channel)
7
VDAL
Power pin for DAC L channel
8
VDAR
Power pin for DAC R channel
9
VRR
DAC reference voltage pin (R channel)
10
AOR
O
DAC analog signal output pin (R channel)
11
GNDAR
Ground pin for DAC R channel
12
GNDAC
Ground pin for DAC C channel
13
AOC
O
DAC analog signal output pin (C channel)
14
AOCT
O
DAC analog signal output pin with attenuator (C channel)
15
VRC
DAC reference voltage pin (C channel)
16
VDAC
Power pin for DAC C channel
17
VRO
O
Reference voltage pin for attenuator (buffer output)
18
VRI
I
Reference voltage pin for attenuator (buffer input)
19
VDAS
Power pin for DAC S channel
20
VRS
DAC reference voltage pin (S channel)
21
AOST
O
DAC analog signal output pin with attenuator (S channel)
22
AOS
O
DAC analog signal output pin (S channel)
23
GNDAS
Ground pin for DAC S channel
24
GND
Ground pin
25~29
TP0~TP4
O
Test pins (leave open)
30
VDD
Power pin
31
VDDR
Power pin for DLRAM
32
GNDR
Ground pin for DLRAM
33~40
TP5~TP12
O
Test pins (leave open)
41
FS
O
Clock output pin (1 fs)
42
CKO0
O
Clock output pin 0
43
CKO1
O
Clock output pin 1
44
GND
Ground pin
45
TP13
O
Test pin (leave open)
46
MCK
O
MCK clock output pin (256 fs/512 fs/ (384/768 fs) )
Push-pull output
47
VDD
Power pin
48~53 TP14~TP19
O
Test pin (leave open)
54
CKS
I
Master clock switching pin
Schmitt input
55
STEP0
I
Execution step switching pin 0
Schmitt input
56
STEP1
I
Execution step switching pin 1
Schmitt input
57
RST
I
Reset pin
Schmitt input


Similar Part No. - TC9447F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
More results

Similar Description - TC9447F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com