Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4300-TR3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TFDU4300-TR3
Description  Infrared Transceiver Module (SIR, 115.2 kbit/s)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4300-TR3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TFDU4300-TR3 Datasheet HTML 5Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 6Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 7Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 8Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 9Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 10Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 11Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 12Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
VISHAY
TFDU4300
Document Number 82614
Rev. 1.4, 26-Jan-04
Vishay Semiconductors
www.vishay.com
9
One should keep in mind that basic RF - design rules
for circuit design should be taken into account. Espe-
cially longer signal lines should not be used without
termination. See e.g. "The Art of Electronics" Paul
Horowitz, Winfield Hill, 1989, Cambridge University
Press, ISBN: 0521370957.
Table 1.
Recommended Application Circuit Components
I/O and Software
In the description, already different I/Os are men-
tioned. Different combinations are tested and the
function verified with the special drivers available
from the I/O suppliers. In special cases refer to the
I/O manual, the Vishay application notes, or contact
directly Vishay Sales, Marketing or Application.
For operating at RS232 ports the ENDEC TOIM4232
is recommended.
18454
Vcc1 (6)
SD (5)
GND
RxD (4)
Vcc2 IREDA(1)
IREDC (2)
TxD (3)
Vlogic (7)
TFDU4300
V
DD =1.8 V
VCC =3.3 V
R1
47
C1
C2
C4
IR Controller
IRRX
IRTX
IRMODE
Vdd
GND
C3
(8)
Block Diagram of Transceiver with a Separate
V
Power Supply (I/O voltage follows V
voltage swing)
logic
DD
Figure 2.
18455
Vcc1 (6)
SD (5)
GND
RxD (4)
Vcc2 IREDA(1)
IREDC (2)
TxD (3)
Vlogic (7)
TFDU4300
V
CC =3.3 V
R1
47
C1
C3
C2
IR Controller
IRRX
IRTX
IRMODE
Vdd
GND
(8)
Block Diagram of Transceiver with a Common Power Supply
for V
and V
(I/O voltage follows V
voltage swing)
C4
CC
logic
CC
Figure 3.
Component
Recommended Value
Vishay Part Number
C1, C3
4.7
µF, 16 V
293D 475X9 016B
C2, C4
0.1
µF, Ceramic
VJ 1206 Y 104 J XXMT
R1
depends on current to be adjusted
R2
47
Ω, 0.125 W
CRCW-1206-47R0-F-RT1


Similar Part No. - TFDU4300-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4301 VISHAY-TFDU4301 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
More results

Similar Description - TFDU4300-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com