Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMSC6701 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMSC6701
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMSC6701 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMSC6701 Datasheet HTML 6Page - Texas Instruments TMSC6701 Datasheet HTML 7Page - Texas Instruments TMSC6701 Datasheet HTML 8Page - Texas Instruments TMSC6701 Datasheet HTML 9Page - Texas Instruments TMSC6701 Datasheet HTML 10Page - Texas Instruments TMSC6701 Datasheet HTML 11Page - Texas Instruments TMSC6701 Datasheet HTML 12Page - Texas Instruments TMSC6701 Datasheet HTML 13Page - Texas Instruments TMSC6701 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Signal Descriptions (Continued)
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
HOST-PORT INTERFACE (HPI)
HINT
H26
O
Host interrupt (from DSP to host)
HCNTL1
F23
I
Host control – selects between control, address, or data registers
HCNTL0
D25
I
Host control – selects between control, address, or data registers
HHWIL
C26
I
Host half-word select – first or second half-word (not necessarily high or low order)
HBE1
E23
I
Host byte select within word or half-word
HBE0
D24
I
Host byte select within word or half-word
HR/W
C23
I
Host read or write select
HD15
B13
HD14
B14
HD13
C14
HD12
B15
HD11
D15
HD10
B16
HD9
A17
HD8
B17
I/O/Z
Host port data (used for transfer of data address and control)
HD7
D16
I/O/Z
Host-port data (used for transfer of data, address, and control)
HD6
B18
HD5
A19
HD4
C18
HD3
B19
HD2
C19
HD1
B20
HD0
B21
HAS
C22
I
Host address strobe
HCS
B23
I
Host chip select
HDS1
D22
I
Host data strobe 1
HDS2
A24
I
Host data strobe 2
HRDY
J24
O
Host ready (from DSP to host)
BOOT MODE
BOOTMODE4
D8
BOOTMODE3
B4
BOOTMODE2
A3
I
Boot mode
BOOTMODE1
D5
I
Boot mode
BOOTMODE0
C4
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground


Similar Part No. - TMSC6701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMSC6701GJC16719V TI-TMSC6701GJC16719V Datasheet
1Mb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701GJC16719V TI-TMSC6701GJC16719V Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMSC6701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com