Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6120A2DWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6120A2DWP
Description  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2DWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6120A2DWP Datasheet HTML 5Page - Texas Instruments TPA6120A2DWP Datasheet HTML 6Page - Texas Instruments TPA6120A2DWP Datasheet HTML 7Page - Texas Instruments TPA6120A2DWP Datasheet HTML 8Page - Texas Instruments TPA6120A2DWP Datasheet HTML 9Page - Texas Instruments TPA6120A2DWP Datasheet HTML 10Page - Texas Instruments TPA6120A2DWP Datasheet HTML 11Page - Texas Instruments TPA6120A2DWP Datasheet HTML 12Page - Texas Instruments TPA6120A2DWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
0.0001
0.001
0.01
0.1
2 k
10 k
50 k
f − High Frequency − Hz
4:1 SMPTE Ratio
VI = 1 VPP,
Gain = 2 V/V,
IM Frequency = 60 Hz
VCC = +12 V,
RL = 32 W
VCC = +12 V,
RL = 64 W
VCC = +15 V,
RL = 64 W
0.00001
VCC = +15 V,
RL = 32 W
−90
−80
−70
−60
−50
−40
−30
−20
−0
10
100
1 k
10 k
50 k
32 W
f − Frequency − Hz
−10
VCC = +15 V,
V(ripple) = 1 VPP,
Gain = 2 V/V
BW = 80 kHz
64 W
Representative of both positive and
negative supplies.
−120
−110
−100
−90
−80
−70
−60
10
100
1 k
10 k
50 k
RF = 1 kW,
Gain = 2 V/V,
BW = 80 kHz
f − Frequency − Hz
VCC = +12 V,
RL = 32 W
VCC = +15 V,
RL = 64 W
VCC = +12 V,
RL = 64 W
VCC = +15 V,
RL = 32 W
IM Amplitude (At Input) − VPP
0.00001
0.01
1
10
0
1
10
0.0001
0.001
0.1
VCC = +15 V, RL = 32 W
VCC = +12 V, RL = 64 W
VCC = +12 V, RL = 32 W
4:1 SMPTE Ratio
Gain = 3 V/V,
High Frequency = 7 kHz
IM Frequency = 60 Hz
2
3
4
5
6
7
8
9
VCC = +15 V, RL = 64 W
TPA6120A2
SLOS431 – MARCH 2004
TYPICAL CHARACTERISTICS (continued)
SUPPLY VOLTAGE REJECTION RATIO
INTERMODULATION DISTORTION
vs
vs
FREQUENCY
HIGH FREQUENCY
Figure 11.
Figure 12.
INTERMODULATION DISTORTION
CROSSTALK
vs
vs
IM AMPLITUDE (AT INPUT)
FREQUENCY
Figure 13.
Figure 14.
9


Similar Part No. - TPA6120A2DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI1-TPA6120A2DWP Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2DWPG4 TI-TPA6120A2DWPG4 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPG4 TI-TPA6120A2DWPG4 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

Similar Description - TPA6120A2DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com