Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7352 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7352_17 Datasheet HTML 7Page - Analog Devices AD7352_17 Datasheet HTML 8Page - Analog Devices AD7352_17 Datasheet HTML 9Page - Analog Devices AD7352_17 Datasheet HTML 10Page - Analog Devices AD7352_17 Datasheet HTML 11Page - Analog Devices AD7352_17 Datasheet HTML 12Page - Analog Devices AD7352_17 Datasheet HTML 13Page - Analog Devices AD7352_17 Datasheet HTML 14Page - Analog Devices AD7352_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD7352
Data Sheet
Rev. B | Page 10 of 20
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale (1 LSB below
the first code transition) and full scale (1 LSB above the last
code transition).
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal
1 LSB change between any two adjacent codes in the ADC.
Negative Full-Scale Error
Negative full-scale error is the deviation of the first code
transition (00 … 000) to (00 … 001) from the ideal (that is,
−VREF + 0.5 LSB) after the midscale error has been adjusted out.
Negative Full-Scale Error Match
Negative full-scale error match is the difference in negative full-
scale error between the two ADCs.
Midscale Error
Midscale error is the deviation of the midscale code transition
(011 … 111) to (100 … 000) from the ideal (that is, 0 V).
Midscale Error Match
Midscale error match is the difference in midscale error
between the two ADCs.
Positive Full-Scale Error
Positive full-scale error is the deviation of the last code
transition (111 … 110) to (111 … 111) from the ideal (that is,
VREF − 1.5 LSB) after the midscale error has been adjusted out.
Positive Full-Scale Error Match
Positive full-scale error match is the difference in positive full-
scale error between the two ADCs.
ADC-to-ADC Isolation
ADC-to-ADC isolation is a measure of the level of crosstalk
between ADC A and ADC B. It is measured by applying a full-
scale 1 MHz sine wave signal to one of the two ADCs and
applying a full-scale signal of variable frequency to the other
ADC. The ADC-to-ADC isolation is defined as the ratio of the
power of the 1 MHz signal on the converted ADC to the power
of the noise signal on the other ADC that appears in the FFT.
The noise frequency on the unselected channel varies from
100 kHz to 2.5 MHz.
Power Supply Rejection Ratio (PSRR)
PSRR is defined as the ratio of the power in the ADC output at
full-scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the ADC VDD supply of frequency, fS. The frequency
of the input varies from 5 kHz to 25 MHz.
PSRR (dB) = 10 log(Pf/PfS)
where:
Pf is the power at frequency, f, in the ADC output.
PfS is the power at frequency, fS, in the ADC output.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output
at full-scale frequency, f, to the power of a 100 mV p-p sine
wave applied to the common-mode voltage of VIN+ and VIN−
of frequency, fS.
CMRR (dB) = 10 log(Pf/PfS)
where:
Pf is the power at frequency, f, in the ADC output.
PfS is the power at frequency, fS, in the ADC output.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode at the end
of a conversion. The track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within ±0.5 LSB, after the end of a conversion.
Signal-to-(Noise and Distortion) Ratio (SINAD)
SINAD is the measured ratio of signal-to-(noise and distortion)
at the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digitization
process; the more levels, the smaller the quantization noise.
The theoretical SINAD for an ideal N-bit converter with a sine
wave input is given by
SINAD = (6.02 N + 1.76) dB
Thus, for a 12-bit converter, SINAD is 74 dB and for a 14-bit
converter, SINAD is 86 dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the
fundamental. For the AD7352, it is defined as
( )
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through the sixth harmonics.
Spurious Free Dynamic Range (SFDR)
SFDR is the ratio of the rms value of the next largest component
in the ADC output spectrum (up to fS/2 and excluding dc) to
the rms value of the fundamental. Normally, the value of this
specification is determined by the largest harmonic in the
spectrum, but for ADCs where the harmonics are buried in
the noise floor, it is a noise peak.


Similar Part No. - AD7352_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
More results

Similar Description - AD7352_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com