Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7356YRUZ-500RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7356YRUZ-500RL7
Description  Differential Input, Dual, Simultaneous Sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356YRUZ-500RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7356YRUZ-500RL7 Datasheet HTML 3Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 4Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 9Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 10Page - Analog Devices AD7356YRUZ-500RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD7356
Data Sheet
Rev. B | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to AGND, DGND, REFGND
−0.3 V to +3 V
VDRIVE to AGND, DGND, REFGND
−0.3 V to +5 V
VDD to VDRIVE
−5 V to +3 V
AGND to DGND to REFGND
−0.3 V to +0.3 V
Analog Input Voltages1 to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltages2 to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltages3 to DGND
−0.3 V to VDRIVE + 0.3 V
Input Currentto Any PinExceptSupplyPins4
±10 mA
Operating Temperature Range
Y Grade
−40°C to +125°C
B Grade
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP
θJA Thermal Impedance
143°C/W
θJC Thermal Impedance
45°C/W
Lead Temperature, Soldering
Reflow Temperature(10 sec to 30 sec)
255°C
ESD
1.5 kV
Stresses at or abovethoselisted under AbsoluteMaximum
Ratings may cause permanent damageto the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditionsfor extended periods may
affect product reliability.
ESD CAUTION
1
Analog input voltages are VINA+, VINA−, VINB+, VINB−, REFA, and REFB.
2
Digital input voltages are CS and SCLK.
3
Digital output voltages are SDATAA and SDATAB.
4
Transient currents of up to 100 mA do not cause SCR latch-up.


Similar Part No. - AD7356YRUZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356YRUZ-500RL7 AD-AD7356YRUZ-500RL7 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7356YRUZ-500RL7 AD-AD7356YRUZ-500RL7 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results

Similar Description - AD7356YRUZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_17 Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com