Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7986BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7986BCPZ
Description  15 mW ADC in LFCSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7986BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD7986BCPZ Datasheet HTML 1Page - Analog Devices AD7986BCPZ Datasheet HTML 2Page - Analog Devices AD7986BCPZ Datasheet HTML 3Page - Analog Devices AD7986BCPZ Datasheet HTML 4Page - Analog Devices AD7986BCPZ Datasheet HTML 5Page - Analog Devices AD7986BCPZ Datasheet HTML 6Page - Analog Devices AD7986BCPZ Datasheet HTML 7Page - Analog Devices AD7986BCPZ Datasheet HTML 8Page - Analog Devices AD7986BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD7986
Rev. D | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 2.5 V, BVDD = 5 V, VIO = 1.8 V to 2.7 V, VREF = 4.096 V, TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
(IN+) − (IN−)
−VREF
+VREF
V
Absolute Input Voltage
IN+, IN−
−0.1
VREF + 0.1
V
Common-Mode Input Range
IN+, IN−
VREF × 0.475
VREF × 0.5
VREF × 0.525
V
Analog Input CMRR
fIN = 500 kHz
100
dB1
Leakage Current at 25°C
Acquisition phase
250
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
18
Bits
Differential Linearity Error
−0.95
±0.60
+1.50
LSB2
Integral Linearity Error
−2.50
±1.00
+2.50
LSB2
Transition Noise
1.4
LSB2
Gain Error, TMIN to TMAX3
−20
±2.4
+20
LSB2
Gain Error Temperature Drift
±0.5
ppm/°C
Zero Error, TMIN to TMAX3
−0.8
+0.8
mV
Zero Temperature Drift
±0.3
ppm/°C
Power Supply Sensitivity
AVDD = 2.5 V ± 5%
±4
LSB2
THROUGHPUT
Conversion Rate
0
2.00
MSPS
Transient Response
Full-scale step
100
ns
AC ACCURACY
Dynamic Range
VREF = 4.096 V, internal reference
95.5
96.5
dB1
VREF = 5.0 V, external reference
97
98
Signal-to-Noise Ratio, SNR
fIN = 20 kHz, VREF = 4.096 V, internal
reference
94.5
95.5
dB1
fIN = 20 kHz, VREF = 5.0 V, external
reference
96.5
97.0
dB1
Spurious-Free Dynamic Range, SFDR
fIN = 20 kHz
−115
dB1
Total Harmonic Distortion, THD
fIN = 20 kHz, VREF = 4.096 V, internal
reference
−113
dB1
fIN = 20 kHz, VREF = 5.0 V, external
reference
−114
dB1
Signal-to-(Noise + Distortion), SINAD
fIN = 20 kHz, VREF = 4.096 V
94.5
95.5
dB1
SAMPLING DYNAMICS
−3 dB Input Bandwidth
19
MHz
Aperture Delay
0.7
ns
1
All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
2
LSB means least significant bit. With the 4.096 V input range, one LSB is 31.25 µV.
3
See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.


Similar Part No. - AD7986BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
More results

Similar Description - AD7986BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
AD7942 AD-AD7942_17 Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com