Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7357WYRUZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # AD7357WYRUZ-RL
Description  Differential Input, Dual, Simultaneous Sampling
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357WYRUZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7357WYRUZ-RL Datasheet HTML 2Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 3Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 4Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 5Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 6Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 7Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 8Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 9Page - Analog Devices AD7357WYRUZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD7357
Rev. E | Page 5 of 24
Parameter
AD7357B/AD7357Y
AD7357WY
Unit
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Power Dissipation
Normal Mode
Operational
36
59
36
59
mW
Static
16
21
16
21
mW
SCLK on or off
Power-Down Mode
Partial
9.5
11.5
9.5
11.5
mW
SCLK on or off
Full
16
110
16
110
µW
SCLK on or off
1
Temperature ranges are as follows: AD7357Y: −40°C to +125°C; AD7357B (TSSOP): −40°C to +85°C; AD7357B (LFCSP): −40°C to +125°C; AD7357WY: −40°C to +125°C.
2
See the Terminology section.
3
The interface is functional with VDRIVE voltages down to 1.8 V. In this condition, the SCLK speed may need to be slowed down. See the access and hold times in the
Timing Specifications section.
4
ITOTAL is the total current flowing in VDD and VDRIVE.


Similar Part No. - AD7357WYRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357BRUZ AD-AD7357BRUZ Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357BRUZ AD-AD7357BRUZ Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results

Similar Description - AD7357WYRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com