Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC1206RCBT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VFC1206RCBT
Description  High Precision Flip Chip, Patents Pending (Industrialized Countries)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFC1206RCBT Datasheet(HTML) 2 Page - Vishay Siliconix

  VFC1206RCBT Datasheet HTML 1Page - Vishay Siliconix VFC1206RCBT Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 63084
Revision 03-Jul-02
www.vishay.com
N2
VFC1206
Vishay Foil Resistors
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.42.729.0661 FAX: +81.42.729.3400
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
L
W
D
Solder Terminal (2)
High Purity Alumina
Substrate
Resistive
Bulk Metal
® Foil
Solder
Protective
Coating
FIGURE 3 - CHIP CONFIGURATION
MODEL
CHIP SIZE
RESISTANCE VALUE
TOLERANCE
TERMINATION
PACKAGING
VFC
1206
RESISTANCE
LETTER
MULTIPLIER
T
± 0.01%
B - solderable
T = Tape and
RANGE
DESIGNATOR
FACTOR
Q
± 0.02%
Reel
A
± 0.05%
W = Waffle Pack
10
Ω to <1KΩ
R
x 1.0
B
± 0.1%
Example: 249R00 = 249
C
± 0.25%
D
± 0.5%
F
± 1.0%
1K to 30K
K
x 103
Example: 10K000 = 10.0K
TABLE 4 - ORDERING INFORMATION
Patent Pending
FIGURE 2 - POWER DERATING CURVE
Bulk Metal
® Foil Technology
High Precision Flip Chip, Patent Pending
Z
GX
Bottom View (Showing Terminals for Mounting):
FIGURE 4 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
CHIP
L
W
THICKNESS
D
W1
Z
G
X
SIZE
±0.005 (0.13) ±0.005 (0.13)
MAXIMUM
±0.003 (0.08) ±0.003 (0.08) ±0.003 (0.08) ±0.003 (0.08) ± 0.003 (0.08)
0.126
0.062
0.025
0.015
0.059
0.126
0.090
0.062
1206
(3.20)
(1.57)
(0.64)
(0.38)
(1.50)
(3.20)
(2.29)
(1.57)
Land Pattern
RESISTANCE
POWER
MAXIMUM
MAXIMUM
RANGE
+ 70
°C
VOLTAGE
WEIGHT
(
)
(mW)
(V)
(mg)
10R - 30K
125
61
10.3
TABLE 3 - PROPERTIES
125
100
75
50
25
0
-75
–50
–25
0
+25
+50
+75
+100 +125 +150 +175
Ambient Temperature (
°C)
–55
°C
+70
°C
Rated Power
W1
L - 0.003 (0.08)


Similar Part No. - VFC1206RCBT

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
VFC1200SA SYNERGY-VFC1200SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results

Similar Description - VFC1206RCBT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL1506E VISHAY-WSL1506E Datasheet
136Kb / 2P
   Power Metal Strip Flip Chip (Extended Range) Patents Pending
Revision 11-Oct-02
WSLE VISHAY-WSLE Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
logo
Panasonic Semiconductor
ELJ-FCR47KF PANASONIC-ELJ-FCR47KF Datasheet
482Kb / 19P
   Industrial Property Patents 6 (pending)
logo
Linear Dimensions Semic...
LNDA003-PEAL LINEAR_DIMENSIONS-LNDA003-PEAL Datasheet
245Kb / 1P
   PEAL Signal Extraction System (PATENTS PENDING)
logo
Vishay Siliconix
VFC1506 VISHAY-VFC1506 Datasheet
112Kb / 2P
   High Precision Flip Chip
Revision 13-Aug-04
logo
Ironwood Electronics.
SF-BGA352B-B-42 IRONWOOD-SF-BGA352B-B-42 Datasheet
53Kb / 1P
   Patent Pending
SF-BGA543A-B-42F IRONWOOD-SF-BGA543A-B-42F Datasheet
123Kb / 1P
   Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
   patent pending
logo
Ironwood Electronics.
SF-BGA516B-B-42 IRONWOOD-SF-BGA516B-B-42 Datasheet
69Kb / 1P
   Patent Pending
SF-BGA529C-B-32 IRONWOOD-SF-BGA529C-B-32 Datasheet
64Kb / 1P
   Patent Pending
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com