Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8939120VSC Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z8939120VSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8939120VSC Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z8939120VSC Datasheet HTML 7Page - Zilog, Inc. Z8939120VSC Datasheet HTML 8Page - Zilog, Inc. Z8939120VSC Datasheet HTML 9Page - Zilog, Inc. Z8939120VSC Datasheet HTML 10Page - Zilog, Inc. Z8939120VSC Datasheet HTML 11Page - Zilog, Inc. Z8939120VSC Datasheet HTML 12Page - Zilog, Inc. Z8939120VSC Datasheet HTML 13Page - Zilog, Inc. Z8939120VSC Datasheet HTML 14Page - Zilog, Inc. Z8939120VSC Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
11
1
DC ELECTRICAL CHARACTERISTICS
(VDD= 5V ±10%, TA = 0°C to +70°C, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VDD = 5V 10%, TA = Ð40°C to +85°C, unless otherwise specified)
fclock=20 MHz1
fclock=16 MHz2
fclock=24 MHz3
Sym
Parameter
Condition
Min
Typ
Max.
Min
Typ
Max
Min
Typ
Max Units
IDD Supply Current
VDD = 5.5V
70
55
85
mA
IDC DC Power Consumption
5
5
5
5
mA
VIH Input High Level
2.7
2.7
2.7
V
VIL Input Low Level
.8
.8
.8
V
IL
Input Leakage
10
10
10
mA
VOH Output High Voltage
IOH =100 mAVDD-0.2
V
VDD-0.2
VDD-0.2
V
VOL Input Low Voltage
IOL =2.0 mA
.5
.5
.5
V
IFL Output Floating
Leakage Current
10
10
10
mA
Notes:
1.
Z89321 and Z89391 only
2.
Z89371 only. VDD = 5V, ± 5% for 16 MHz operation. VDD = 5V, ± 10% for 10 MHz operation.
3.
Z89321 only. Limited availability. Contact Zilog sales office.
fclock = 20 MHz1
Sym
Parameter
Condition
Min
Typ
Max
IDD
Supply Current
VDD=5.5V
70
IDC
DC Power Consumption
5
VIH
Input High Level
2.7
VIL
Input Low Level
.8
IL
Input Leakage
10
VOH
Output High Voltage
IOH=100 mAVDD -0.2
VOL
Input Low Voltage
IOL =2.0 mA
.5
IFL
Output Floating
Leakage Current
10
Notes:
1.
Z89321 only


Similar Part No. - Z8939120VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89391 ZILOG-Z89391 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
More results

Similar Description - Z8939120VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
   16-BIT DIGITAL SIGNAL PROCESSORS
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
logo
NEC
UPD77110 NEC-UPD77110 Datasheet
451Kb / 80P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
logo
Zilog, Inc.
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com