Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7787BRM Datasheet(PDF) 9 Page - Analog Devices

Part # AD7787BRM
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787BRM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7787BRM Datasheet HTML 5Page - Analog Devices AD7787BRM Datasheet HTML 6Page - Analog Devices AD7787BRM Datasheet HTML 7Page - Analog Devices AD7787BRM Datasheet HTML 8Page - Analog Devices AD7787BRM Datasheet HTML 9Page - Analog Devices AD7787BRM Datasheet HTML 10Page - Analog Devices AD7787BRM Datasheet HTML 11Page - Analog Devices AD7787BRM Datasheet HTML 12Page - Analog Devices AD7787BRM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7787
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
040
80
20
60
100
120
140
160
0
FREQUENCY (Hz)
Figure 6. Frequency Response with 16.6 Hz Update Rate
0
20
8388591
8388619
40
60
80
100
CODE
VDD = 3V
VREF = 2.048V
9.5Hz UPDATE RATE
TA = 25°C
RMS NOISE = 1
µV
Figure 7. Noise Distribution Histogram (CDIV1 = CDIV0 = 0)
8388591
0
200
400
600
800
1000
8388619
READ NO.
VDD = 3V, VREF = 2.048V, 9.5Hz UPDATE RATE
TA = 25°C, RMS NOISE = 1µV
Figure 8. Typical Noise Plot with 16.6 Hz Update Rate (CDIV1 = CD1V0 = 0)
0
1
2
3
4
5
6
7
8
8388592
8388616
9
CODE
VDD = 3V
VREF = 2.048V
1.1875Hz UPDATE RATE
TA = 25°C
RMS NOISE = 1.25
µF
Figure 9. Noise Histogram for Clock Divide-by-8 Mode (CDIV0 = CDIV1 = 1)
8388592
0
20406080
100
8388616
READ NO.
VDD = 3V, VREF = 2.048V
1.1875Hz UPDATE RATE
TA = 25°C, RMS NOISE = 1.25µF
Figure 10. Noise Plot in Clock Divide-by-8 Mode (CDIV0 = CDIV1 = 1)
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.0
2.5
2.0
VREF (V)
VDD = 5V
UPDATE RATE = 16.6Hz
TA = 25°C
Figure 11. RMS Noise vs. Reference Voltage


Similar Part No. - AD7787BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787BRM AD-AD7787BRM Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787BRM AD-AD7787BRM Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7787BRM-REEL AD-AD7787BRM-REEL Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787BRM-REEL AD-AD7787BRM-REEL Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7787BRMZ AD-AD7787BRMZ Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results

Similar Description - AD7787BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Analog Devices
AD7791 AD-AD7791 Datasheet
308Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com