Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1060 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 3 Page - Analog Devices

  ADM1060 Datasheet HTML 1Page - Analog Devices ADM1060 Datasheet HTML 2Page - Analog Devices ADM1060 Datasheet HTML 3Page - Analog Devices ADM1060 Datasheet HTML 4Page - Analog Devices ADM1060 Datasheet HTML 5Page - Analog Devices ADM1060 Datasheet HTML 6Page - Analog Devices ADM1060 Datasheet HTML 7Page - Analog Devices ADM1060 Datasheet HTML 8Page - Analog Devices ADM1060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
ADM1060
–3–
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
ADM1060 FUNCTIONAL BLOCK DIAGRAM
BIPOLAR SUPPLY
FAULT DETECTOR 1
SMBus INTERFACE
HIGH SUPPLY(14.4v)
FAULT DETECTOR
WATCHDOG FAULT
DETECTOR
BIPOLAR SUPPLY
FAULT DETECTOR 2
VH
VB1
VB2
VP1
VP2
VP3
VP4
GPI1
WDI
GND
VREF
VDD
ARBITRATOR
DEVICE
CONTROLLER
EEPROM
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
PDO7
PDO8
PDO9
Data, Address and
Write Enable Buses
to store control information
local to functions
TRISE
TFALL
PROGRAMMABLE
DELAY BLOCKS
PROGRAMMABLE
DRIVER OUPUTS
REGULATED
5.5V SUPPLY
CHARGE PUMP
Internal
5.5V supply
VCCP
INPUT LOGIC
SIGNAL CONDITION
POSITIVE SUPPLY
FAULT DETECTOR 1
POSITIVE SUPPLY
FAULT DETECTOR 4
S
M
B
U
S
D
A
T
A
1
0
0
K
H
z
C
L
O
C
K
28
27
26
25
24
6
5
8
9
10
11
12
13
14
23
22
21
20
19
18
GPI2
GPI3
GPI4
17
16
15
7
1
2
3
4
PLB
MACROCELL 1
PLB
MACROCELL 2
PLB
MACROCELL 9
PLB
MACROCELL 8
PLB
MACROCELL 7
PLB
MACROCELL 6
PLB
MACROCELL 5
PLB
MACROCELL4
PLB
MACROCELL 3
PROGRAMMABLE
LOGIC BLOCK
ARRAY
(PLBA)
TRISE
TFALL
TRISE
TFALL
TRISE
TFALL
TRISE
TFALL
TRISE
TFALL
TRISE
TFALL
TRISE
TFALL
TRISE
TFALL
PDB1
PDB9
PDB8
PDB7
PDB6
PDB5
PDB4
PDB3
PDB2
PDO1
PDO9
PDO8
PDO7
PDO6
PDO5
PDO4
PDO3
PDO2


Similar Part No. - ADM1060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
More results

Similar Description - ADM1060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com