Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7302A Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7302A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7302A Datasheet(HTML) 3 Page - Analog Devices

  ADV7302A Datasheet HTML 1Page - Analog Devices ADV7302A Datasheet HTML 2Page - Analog Devices ADV7302A Datasheet HTML 3Page - Analog Devices ADV7302A Datasheet HTML 4Page - Analog Devices ADV7302A Datasheet HTML 5Page - Analog Devices ADV7302A Datasheet HTML 6Page - Analog Devices ADV7302A Datasheet HTML 7Page - Analog Devices ADV7302A Datasheet HTML 8Page - Analog Devices ADV7302A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
REV. A
–3–
ADV7302A/ADV7303A–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
1
Resolution
11
Bits
Integral Nonlinearity
±1.0
LSB
VAA = 2.5 V
Differential Nonlinearity, +ve
2
0.125
LSB
VAA = 2.5 V
Differential Nonlinearity, –ve
2
1.0
LSB
VAA = 2.5 V
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4 [0.4]
3
VISINK = 3.2 mA
Output High Voltage, VOH
2.4 [2.0]
3
VISOURCE = 400
µA
Three-State Leakage Current
±1.0
µAVIN = 0.4 V, 2.4 V
Three-State Output Capacitance
2
pF
DIGITAL AND CONTROL INPUTS
Input High Voltage, VIH
2V
Input Low Voltage, VIL
0.8
V
Input Leakage Current
1
µAVIN = 2.4 V
Input Capacitance, CIN
2pF
ANALOG OUTPUTS
Full-Scale Output Current
8.2
8.7
9.2
mA
Output Current Range
8.2
8.7
9.2
mA
Full-Scale Output Current
4.1
4.35
4.6
mA
RSET1, 2 = 1520
Output Current Range
4.1
4.35
4.6
mA
RSET1, 2 = 1520
DAC to DAC Matching
2.0
%
Output Compliance Range, VOC
0
1.0
1.4
V
Output Capacitance, COUT
7pF
VOLTAGE REFERENCE
Reference Range, VREF
1.15
1.235
1.3
V
POWER REQUIREMENTS
Normal Power Mode
IDD
4
93
mA
SD Only [8 ]
52
mA
PS Only [4 ]
84
mA
HDTV Only [2 ]
90
110
mA
SD and PS
99
mA
SD [8 ] and HDTV
108
mA
SD and HDTV [2 ]
IDD_IO
0.2
mA
IAA
5, 6
70
75
mA
37
45
mA
RSET1, 2 = 1520
Sleep Mode
IDD
130
µA
IAA
10
µA
IDD_IO
110
µA
Power Supply Rejection Ratio
0.01
%/%
NOTES
1Oversampling disabled. Static DAC performance will be improved with increased oversampling ratios.
2DNL measures the deviation of the actual DAC o/p voltage step from the ideal. For +ve DNL, the actual step value lies above the ideal step value; for –ve DNL, the
actual step values lie below the ideal step value.
3Value in brackets for V
DD_IO = 2.375 V to 2.750 V.
4I
DD or the circuit current is the continuous current required to drive the digital core without the I PLL.
5I
AA is the total current required to supply all DACs including the V REF circuitry and the PLL circuitry.
6All DACs on.
Specifications subject to change without notice.
(VAA = VDD = 2.375 V–2.625 V, VDD_IO = 2.375 V–3.600 V, VREF = 1.235 V, RSET = 760
, RLOAD = 150
, TMIN to TMAX (0 C to 70 C), unless otherwise noted.)


Similar Part No. - ADV7302A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results

Similar Description - ADV7302A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com