Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C512 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT29C512
Description  512K (64K x 8) 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C512 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29C512 Datasheet HTML 1Page - ATMEL Corporation AT29C512 Datasheet HTML 2Page - ATMEL Corporation AT29C512 Datasheet HTML 3Page - ATMEL Corporation AT29C512 Datasheet HTML 4Page - ATMEL Corporation AT29C512 Datasheet HTML 5Page - ATMEL Corporation AT29C512 Datasheet HTML 6Page - ATMEL Corporation AT29C512 Datasheet HTML 7Page - ATMEL Corporation AT29C512 Datasheet HTML 8Page - ATMEL Corporation AT29C512 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
Fast Read Access Time – 70 ns
5-volt Only Reprogramming
Sector Program Operation
– Single Cycle Reprogram (Erase and Program)
– 512 Sectors (128 Bytes/Sector)
– Internal Address and Data Latches for 128 Bytes
Internal Program Control and Timer
Hardware and Software Data Protection
Fast Sector Program Cycle Time – 10 ms
DATA Polling for End of Program Detection
Low Power Dissipation
– 50 mA Active Current
– 100 µA CMOS Standby Current
Typical Endurance > 10,000 Cycles
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT29C512 is a 5-volt only in-system Flash programmable and erasable read only
memory (PEROM). Its 512K of memory is organized as 65,536 words by 8 bits. Man-
ufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers
access times to 70 ns with power dissipation of just 275 mW over the commercial tem-
perature range. When the device is deselected, the CMOS standby current is less
than 100 µA. The device endurance is such that any sector can typically be written to
in excess of 10,000 times.
To allow for simple in-system reprogrammability, the AT29C512 does not require high
input voltages for programming. Five-volt-only commands determine the operation of
the device. Reading data out of the device is similar to reading from an EPROM.
Reprogramming the AT29C512 is performed on a sector basis; 128 bytes of data are
loaded into the device and then simultaneously programmed.
During a reprogram cycle, the address locations and 128 bytes of data are internally
latched, freeing the address and data bus for other operations. Following the initiation
of a program cycle, the device will automatically erase the sector and then program
the latched data using an internal control timer. The end of a program cycle can be
detected by DATA polling of I/O7. Once the end of a program cycle has been
detected, a new access for a read or program can begin.
512K (64K x 8)
5-volt Only
Flash Memory
AT29C512
0456H–FLASH–2/05


Similar Part No. - AT29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT29C512-12 ATMEL-AT29C512-12 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29C512-12JC ATMEL-AT29C512-12JC Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com