Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C512 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT29C512
Description  512K (64K x 8) 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C512 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29C512 Datasheet HTML 1Page - ATMEL Corporation AT29C512 Datasheet HTML 2Page - ATMEL Corporation AT29C512 Datasheet HTML 3Page - ATMEL Corporation AT29C512 Datasheet HTML 4Page - ATMEL Corporation AT29C512 Datasheet HTML 5Page - ATMEL Corporation AT29C512 Datasheet HTML 6Page - ATMEL Corporation AT29C512 Datasheet HTML 7Page - ATMEL Corporation AT29C512 Datasheet HTML 8Page - ATMEL Corporation AT29C512 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
0456H–FLASH–2/05
AT29C512
4.7
DATA Polling
The AT29C512 features DATA polling to indicate the end of a program cycle. During a program
cycle an attempted read of the last byte loaded will result in the complement of the loaded data
on I/O7. Once the program cycle has been completed, true data is valid on all outputs and the
next cycle may begin. DATA polling may begin at any time during the program cycle.
4.8
Toggle Bit
In addition to DATA polling the AT29C512 provides another method for determining the end of a
program or erase cycle. During a program or erase operation, successive attempts to read data
from the device will result in I/O6 toggling between one and zero. Once the program cycle has
completed, I/O6 will stop toggling and valid data will be read. Examining the toggle bit may begin
at any time during a program cycle.
4.9
Optional Chip Erase Mode
The entire device can be erased by using a 6-byte software code. Please see Software Chip
Erase application note for details.
5.
Absolute Maximum Ratings*
Temperature Under Bias................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Voltage on OE
with Respect to Ground ...................................-0.6V to +13.5V


Similar Part No. - AT29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT29C512-12 ATMEL-AT29C512-12 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29C512-12JC ATMEL-AT29C512-12JC Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com