Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM3009NUC-TR Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM3009NUC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3009NUC-TR Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM3009NUC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM3009NUC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - May., 2002
APM3009N
www.anpec.com.tw
5
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
0.0
0.3
0.6
0.9
1.2
1.5
0.1
1
10
100
Typical Characteristics Cont.
Source-Drain Diode Forward Voltage
V
SD-Source to Drain Voltage (V)
T
J=-55°C
T
J=25°C
T
J=125°C
Time (sec)
Single Pulse Power
Time (sec)
Single Pulse Power
TO-252
TO-263
100
1000
3000
2000
500
0.1
1
10
30
Capacitance Characteristics
V
DS-Drain-to-Source Voltage (V)
Crss
Coss
Ciss
Frequency=1MHz
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
0
500
1000
1500
2000
2500
3000


Similar Part No. - APM3009NUC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM3009NUC-TR ANPEC-APM3009NUC-TR Datasheet
203Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM3009NUC-TRL ANPEC-APM3009NUC-TRL Datasheet
203Kb / 11P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM3009NUC-TRL VBSEMI-APM3009NUC-TRL Datasheet
1,020Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM3009NUC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com