Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2713 Datasheet(PDF) 1 Page - Rohm

Part # 2SK2713
Description  Switching (450V, 5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK2713 Datasheet(HTML) 1 Page - Rohm

  2SK2713 Datasheet HTML 1Page - Rohm 2SK2713 Datasheet HTML 2Page - Rohm 2SK2713 Datasheet HTML 3Page - Rohm 2SK2713 Datasheet HTML 4Page - Rohm 2SK2713 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FExternal dimensions (Units: mm)
134
Transistors
Switching (450V, 5A)
2SK2713
FFeatures
1) Low on-resistance.
2) Fast switching speed.
3) Wide SOA (safe operating area).
4) Gate-source voltage (VGSS) guaran-
teed to be
±30V.
5) Easily designed drive circuits.
6) Easy to parallel.
FStructure
Silicon N-channel
MOSFET
FAbsolute maximum ratings (Ta = 25_C)
FPackaging specifications


Similar Part No. - 2SK2713

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SK2710 SANKEN-2SK2710 Datasheet
34Kb / 1P
   MOSFET
logo
Inchange Semiconductor ...
2SK2710 ISC-2SK2710 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
   Switching (250V, 16A)
2SK2715 ROHM-2SK2715 Datasheet
138Kb / 4P
   Switching (500V, 2A)
2SK2715 ROHM-2SK2715 Datasheet
79Kb / 5P
   10V Drive Nch MOS FET
More results

Similar Description - 2SK2713

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE16002 MOSPEC-MJE16002 Datasheet
190Kb / 4P
   POWER TRANSISTORS(5A,450V,80W)
MJ16002 MOSPEC-MJ16002 Datasheet
242Kb / 4P
   POWER TRANSISTOR(5A,450V,125W)
MJH16002 MOSPEC-MJH16002 Datasheet
189Kb / 4P
   POWER TRANSISTORS(5A,450V,100W)
MJE13070 MOSPEC-MJE13070 Datasheet
182Kb / 4P
   POWER TRANSISTORS(5A,400-450V,80W)
logo
Rohm
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
   Switching (450V, 7A)
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
STMicroelectronics
L4975A STMICROELECTRONICS-L4975A Datasheet
359Kb / 21P
   5A SWITCHING REGULATOR
June 2000
logo
Rohm
2SK2459N ROHM-2SK2459N Datasheet
137Kb / 4P
   Switching (200V, 5A)
RDN050N20 ROHM-RDN050N20 Datasheet
50Kb / 4P
   Switching (200V, 5A)
logo
Hongfa Technology
HFD41_HFD41A HONGFA-HFD41_HFD41A_17 Datasheet
60Kb / 3P
   5A switching capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com