Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5258 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BD5258
Description  VOLTAGE DETECTOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BD5258 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BD5258 Datasheet HTML 1Page - List of Unclassifed Manufacturers BD5258 Datasheet HTML 2Page - List of Unclassifed Manufacturers BD5258 Datasheet HTML 3Page - List of Unclassifed Manufacturers BD5258 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD52XXG/FVE series
BD53XXG/FVE series
High-accuracy detection voltage
Low current consumption
Description
Features
Applications
VOLTAGE DETECTOR IC
with adjustable delay time
1
2
4
5
3
1
2
4
5
3
1pin : RESET output
2pin : Supply voltage
3pin : GND
4pin : N.C.
5pin : CT
(UNIT:mm)
SSOP5(SMP5C2)
(5)
2.9
±0.2
(3)
(4)
(2)
(1)
+0.05
0.13 –0.03
0.95
0.1
0.42 +0.05
–0.04
BD52XXG/FVE, BD53XXG/FVE are series of high-accuracy
detection voltage and low current consumption VOLTAGE
DETECTOR ICs adopting CMOS process.
New lineup of 152 types with delay time circuit have developed
in addition to well-reputed 152 types of VOLTAGE DETECTOR ICs.
Any delay time can be established by using small capacitor due to
high-resistance process technology.
Total 152 types of VOLTAGE DETECTOR ICs including
BD52XXG/FVE series (Nch open drain output) and BD53XXG/
FVE series (CMOS output), each of which has 38 kinds in every
0.1V step (2.3~6.0V) have developed.
1) Detection voltage: 0.1V step line-up 2.3~6.0V (Typ.)
2) High-accuracy detection voltage:
±1.5% (Max.)
3) Ultra low current consumption: 0.95
µA (Typ.)
4) Nch open drain output (BD52XXG/FVE series),
CMOS output (BD53XXG/FVE series)
5) Small VSOF5(EMP5), SSOP5(SMP5C2) package
Every kind of appliances with microcontroller
and logic circuit
BD52XXG
BD53XXG
1pin : RESET output
2pin : SUB
Connect to GND
3pin : CT
4pin : GND
5pin : Supply voltage
BD53XXFVE
BD53XXFVE
BD52XXG/FVE
BD53XXG/FVE
Pin No.
SSOP5(SMP5C2)
VSOF5(EMP5)
Vout
Vout
VDD
VDD
GND
GND
NC.
CT
SUB
CT
1
2
3
4
5
VSOF5(EMP5)
Application Circuit
1.6
±0.05
0.22
±0.05
0.13
±0.05
Lot No.
1
0.5
2
4
5
1.0
±0.05
0.08 M
3
Vout
VDD
Reset
VDD
VDD
GND
CT
Vref
Reset
VDD
Vout
VDD
GND
CT
Vref


Similar Part No. - BD5258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5258 ETC1-BD5258 Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD5258 ROHM-BD5258 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5258 ROHM-BD5258 Datasheet
277Kb / 10P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5258 ROHM-BD5258 Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5258 ROHM-BD5258 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5258

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU49XXFVE ROHM-BU49XXFVE Datasheet
272Kb / 6P
   Low Voltage Detector IC
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com