Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C512-70TU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT29C512-70TU
Description  512K (64K x 8) 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C512-70TU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT29C512-70TU Datasheet HTML 3Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 4Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 5Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 6Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 7Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 8Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 9Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 10Page - ATMEL Corporation AT29C512-70TU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
0456H–FLASH–2/05
AT29C512
10. AC Read Waveforms
(1)(2)(3)(4)
Notes:
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. tDF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
9.
AC Read Characteristics
Symbol
Parameter
AT29C512-70
AT29C512-90
AT29C512-12
AT29C512-15
Units
Min
Max
Min
Max
Min
Max
Min
Max
tACC
Address to Output Delay
70
90
120
150
ns
t
CE
(1)
CE to Output Delay
70
90
120
150
ns
t
OE
(2)
OE to Output Delay
0
35
0
40
0
50
0
70
ns
tDF
(3)(4)
CE or OE to Output Float
0
10
0
25
0
30
0
40
ns
t
OH
Output Hold from OE, CE or
Address, whichever
occurred first
00
0
0
ns
Note:
Not recommended for New Designs.


Similar Part No. - AT29C512-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C512-70TU ATMEL-AT29C512-70TU Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C512-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com