Electronic Components Datasheet Search |
|
FAN53180 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FAN53180 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 28 page FAN53180 PRODUCT SPECIFICATION 2 REV. 1.0.0 6/10/03 Absolute Maximum Ratings Absolute maximum ratings are the values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Thermal Information Recommended Operating Conditions (See Figure 1) Note: 1. ΘJA is defined as 2 oz., 4 layer copper PCB with 1 in2 thermal pad. Parameter Min. Max. Units Supply Voltage: VCC to GND -0.3 +15 V Voltage on FBRTN pin -0.3 +0.3 V Voltage on SW1–SW4 -5 +25 V Voltage on VID [5:0], EN, DELAY, ILIMIT, CSCOMP, RT, PWM[4:1], COMP -0.3 +5.5 V Voltage on any other pin -0.3 VCC+0.3 V Parameter Min. Typ. Max. Units Operating Junction Temperature (TJ ) +125 °C Storage Temperature –65 +150 °C Lead Soldering Temperature, 10 seconds +300 °C Vapor Phase, 60 seconds +215 °C Infrared, 15 seconds +220 °C Power Dissipation (PD) @ TA=25°C 1 W Thermal Resistance ( ΘJA)* 100 °C/W Parameter Conditions Min. Typ. Max. Units Supply Voltage VCC VCC to GND 10.8 12 13.2 V Ambient Operating Temperature 0 +85 °C |
Similar Part No. - FAN53180 |
|
Similar Description - FAN53180 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |