Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145170D2 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC145170D2
Description  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170D2 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC145170D2 Datasheet HTML 6Page - Motorola, Inc MC145170D2 Datasheet HTML 7Page - Motorola, Inc MC145170D2 Datasheet HTML 8Page - Motorola, Inc MC145170D2 Datasheet HTML 9Page - Motorola, Inc MC145170D2 Datasheet HTML 10Page - Motorola, Inc MC145170D2 Datasheet HTML 11Page - Motorola, Inc MC145170D2 Datasheet HTML 12Page - Motorola, Inc MC145170D2 Datasheet HTML 13Page - Motorola, Inc MC145170D2 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
MC145170-2 Technical Data
MOTOROLA
Pin Connections
3 Pin Connections
3.1 Digital Interface Pins
Din
Serial Data Input (Pin 5)
The bit stream begins with the most significant bit (MSB) and is shifted in on the low-to-high transition of
CLK. The bit pattern is 1 byte (8 bits) long to access the C or configuration register, 2 bytes (16 bits) to
access the N register, or 3 bytes (24 bits) to access the R register. Additionally, the R register can be
accessed with a 15-bit transfer (see Table 7). An optional pattern which resets the device is shown in
Figure 15. The values in the C, N, and R registers do not change during shifting because the transfer of
data to the registers is controlled by ENB.
The bit stream needs neither address nor steering bits due to the innovative BitGrabber registers.
Therefore, all bits in the stream are available to be data for the three registers. Random access of any
register is provided (i.e., the registers may be accessed in any sequence). Data is retained in the registers
over a supply range of 2.7 to 5.5 V. The formats are shown in Figures 15, 16, 17, and 18.
Din typically switches near 50% of VDD to maximize noise immunity. This input can be directly interfaced
to CMOS devices with outputs guaranteed to switch near rail-to-rail. When interfacing to NMOS or TTL
devices, either a level shifter (MC74HC14A, MC14504B) or pull-up resistor of 1 to 10 k
Ω must be used.
Parameters to consider when sizing the resistor are worst-case IOL of the driving device, maximum
tolerable power consumption, and maximum data rate.
CLK
Serial Data Clock Input (Pin 7)
Low-to-high transitions on Clock shift bits available at Din, while high-to-low transitions shift bits from
Dout. The chip's 16-1/2-stage shift register is static, allowing clock rates down to dc in a continuous or
intermittent mode.
Four to eight clock cycles followed by five clock cycles are needed to reset the device; this is optional.
Eight clock cycles are required to access the C register. Sixteen clock cycles are needed for the N register.
Either 15 or 24 cycles can be used to access the R register (see Table 7 and Figures 15, 16, 17, and 18). For
cascaded devices, see Figures 27 to 34.
CLK typically switches near 50% of VDD and has a Schmitt-triggered input buffer. Slow CLK rise and fall
times are allowed. See the last paragraph of Din for more information.
NOTE: To guarantee proper operation of the power-on reset (POR) circuit, the CLK pin must be held at
the potential of either the VSS or VDD pin during power up. That is, the CLK input should not be floated or
toggled while the VDD pin is ramping from 0 to at least 2.7 V. If control of the CLK pin is not practical
during power up, the initialization sequence shown in Figure 15 must be used.
Table 7. Register Access
(MSBs are shifted in first, C0, N0, and R0 are the LSBs)
Number
of Clocks
Accessed
Register
Bit
Nomenclature
9 to 13
8
16
15 or 24
Other Values
≤ 32
Values > 32
See Figure 15
C Register
N Register
R Register
None
See Figures 27 to 34
(Reset)
C7, C6, C5, .. ., C0
N15, N14, N13, ..., N0
R14, R13, R12, ..., R0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC145170D2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145170D2 LANSDALE-MC145170D2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170D2 FREESCALE-MC145170D2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com