Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD128 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD128
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD128 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65MLVD128 Datasheet HTML 5Page - Texas Instruments SN65MLVD128 Datasheet HTML 6Page - Texas Instruments SN65MLVD128 Datasheet HTML 7Page - Texas Instruments SN65MLVD128 Datasheet HTML 8Page - Texas Instruments SN65MLVD128 Datasheet HTML 9Page - Texas Instruments SN65MLVD128 Datasheet HTML 10Page - Texas Instruments SN65MLVD128 Datasheet HTML 11Page - Texas Instruments SN65MLVD128 Datasheet HTML 12Page - Texas Instruments SN65MLVD128 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SN65MLVD128
SN65MLVD129
SLLS586 − MARCH 2004
www.ti.com
9
Terminal Functions − SN65MLVD129
PIN
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
1D, 2D
39, 34
Input
Data inputs for drivers
EN1 − EN8
27, 28, 32, 33,
40, 41, 45, 46
Input
Driver enable, active high, individual enables
1A − 8A
2, 4, 8, 10,
14, 16, 20, 22
Output
M-LVDS bus noninverting output
1B − 8B
3, 5, 9, 11,
15, 17, 21, 23
Output
M-LVDS bus inverting output
GND
6, 12, 18, 24, 25, 26, 31, 37,
38, 43, 44
Power
Circuit ground
VCC
1, 7, 13, 19, 29, 30, 35, 36,
47, 48
Power
Supply voltage
NC
42
N/A
Not connected
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21
22
23
24
4B
17
18
19
20
48
47
46
45
33
34
35
36
37
38
39
40
41
42
43
44
25
26
27
28
29
30
31
32
EN2
VCC
VCC
1A
3A
3B
GND
2A
5A
5B
6A
6B
VCC
1B
4A
GND
GND
8B
7A
7B
VCC
GND
8A
GND
NC
GND
VCC
GND
EN6
GND
VCC
VCC
NC
EN1
EN5
VCC
1D
EN4
EN3
GND
EN7
GND
VCC
VCC
EN8
GND
2B
MLVD128DGG
48-TSSOP PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21
22
23
24
4B
17
18
19
20
48
47
46
45
33
34
35
36
37
38
39
40
41
42
43
44
25
26
27
28
29
30
31
32
EN2
VCC
VCC
1A
3A
3B
GND
2A
5A
5B
6A
6B
VCC
1B
4A
GND
GND
8B
7A
7B
VCC
GND
8A
GND
NC
GND
VCC
GND
EN6
GND
VCC
VCC
2D
EN1
EN5
VCC
1D
EN4
EN3
GND
EN7
GND
VCC
VCC
EN8
GND
2B
MLVD129DGG
48-TSSOP PACKAGE
(TOP VIEW)
FUNCTION TABLE
H = high level, L = low level, Z = high impedance, X = Don’t care, OPEN = indeterminate
INPUT
OUTPUTS
L
H
OPEN
X
X
MLVD128/MLVD129
DEN
A
H
H
H
OPEN
L
L
H
L
Z
Z
H
L
H
Z
Z
ENABLE
B


Similar Part No. - SN65MLVD128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI1-SN65MLVD128 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGG TI1-SN65MLVD128DGG Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGGG4 TI1-SN65MLVD128DGGG4 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGGR TI1-SN65MLVD128DGGR Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128DGGRG4 TI1-SN65MLVD128DGGRG4 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results

Similar Description - SN65MLVD128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com