Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM65MLVD128DGGR Datasheet(PDF) 8 Page - Texas Instruments

Part # SM65MLVD128DGGR
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD128DGGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SM65MLVD128DGGR Datasheet HTML 4Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 5Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 6Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 7Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 8Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 9Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 10Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 11Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SN65MLVD128
SN65MLVD129
SLLS586 − MARCH 2004
www.ti.com
8
tc(n)
1/f0
0 V
0 V
Period Jitter
0 V
Peak to Peak Jitter
1/f0
PRBS INPUT
OUTPUT
VA −VB
VA −VB
CLOCK
INPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
VCC
VCC/2
tjit(per) =tc(n) −1/f0
tjit(pp)
0 V
VCC
VCC/2
0 V
VA −VB
VA −VB
Cycle to Cycle Jitter
0 V
VA − VB
OUTPUT
tc(n)
tc(n+1)
tjit(cc) = | tc(n) − tc(n+1) |
NOTES:D. All input pulses are supplied by an Agilent 8304A Stimulus System.
E. The measurement is made on a TEK TDS6604 running TDSJIT3 application software
F. Period jitter and cycle-to-cycle jitter are measured using a 100 MHz 50
±1% duty cycle clock input.
G. Peak-to-peak jitter is measured using a 200 Mbps 215−1 PRBS input.
Figure 8. Driver Jitter Measurement Waveforms
Terminal Functions − SN65MLVD128
PIN
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
1D
39
Input
Data inputs for drivers
EN1 − EN8
27, 28, 32, 33, 40, 41, 45, 46
Input
Driver enable, active high, individual enables
1A − 8A
2, 4, 8, 10, 14, 16, 20, 22
Output
M-LVDS bus noninverting output
1B − 8B
3, 5, 9, 11, 15, 17, 21, 23
Output
M-LVDS bus inverting output
GND
6, 12, 18, 24, 25, 26, 31, 37,
38, 43, 44
Power
Circuit ground
VCC
1, 7, 13, 19, 29, 30, 35, 36,
47, 48
Power
Supply voltage
NC
34, 42
N/A
Not connected


Similar Part No. - SM65MLVD128DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM65MLVD128DGGR TI1-SM65MLVD128DGGR Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results

Similar Description - SM65MLVD128DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com