Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-E314RD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BD-E314RD
Description  DUAL DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BD-E314RD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BD-E314RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BD-E314RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DD-07
BD- EF 31xRD
DD-08
BD- EF 32xRD
DD-09
BD- A
C 43xND
DD-10
BD- A
C 40xND
DD-11
BD- A
C 40xND-A
DD-12
BD- EF 40xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin. 5.NC:No Connect.
D
6
B
A
3
C
8
9
E
7
F
4
G
1
DP
2
D1
10
5
D2
10B
7.62(.300)
16.00(.630)
10.16(.400)
6.00(.236)
3.00(.118)MIN.
3.60(.142)
16.70(.657)
2.54(.100)
E0.50(.020)
E0.5(.020)
+
PIN 1.
F
E
D1
G
A
B
D2
C
DP
D
BD-E31xRD
A
B
C
E
F
G
D.1
D.2
D
DP
A B C D E F G DP
7
6
2
8
1
9
5
4
3
10
A B C D E F G DP
D.1
D.2
9.2(.362)
14.0(.551)
4.8(.189)
E1.0(.039)
15.0(.591)
2.54x4=10.16(.40)
E0.5(.02)
8.0(.315)
3.0(.118)MIN.
10.16(.40)
5B
PIN.1
+
BD-E32xRD
10.00(.394)
16.00(.630)
12.7(.500)
8.00(.315)
3.00(.118)MIN.
22.00(.866)
2.54(.100)
E0.5(.020)
ORIENTATION MARK
10B
D1
D2
F
G
A
B
E
D
C
12
13
A
15
B
14
F
D
C
13
E
2
D1
16
G
10
A
4
D2
B
8
C
6
D
7
E F
11 9
G
5
PIN 1. +
5.80(.228)
BD-A43xND
D.2
D.1
A
B
C
D
E
F
G
PIN 1.
D
1
B
A
7
C
4
6
E
3
F
8
G
9
DP
2
D1
10
5
D2
10B
10.16(.400)
16.00(.630)
12.70(.500)
6.90(.272)
3.00(.118)MIN.
5.90(.232)
20.20(.795)
E0.50(.020)
2.54(.100)
E1.3(.051)
+
DP
BD-E40xRD
11
2
1
16
6
7
13
12
10
9
8
20.20(.795)
6.9(.272)
2.54X7=17.78
(.100X7=.700)
D.2
D.1
A
B
C
D
E
F G
+
PIN 1.
15
3
14
A B C D E F G A B C D E F
16.00(.630)
D.1
D.2
G
3.0(.118) 0.5
A
12.7(.500)
4
5
10B
E0.50(.020)
10.16(.400)
E1.3(.051)
BD-A40xND
5.90(.232)
BD-A40xND-A
E1.3(.051)
3.0(.118)MIN
16.00(.630)
7.0(.276)
13
15
1
3 2
A B
D
C
E
(.100X7=.700)
2.54X7=17.78
E0.50(.020)
D.1
10.20(.402)
8B
20.10(.791)
PIN 1.
+
5.90(.232)
E
16
14
10
8
12
6
B
G
F
A
C D
7 11 9
F G
D.2
4,5
D
E
C
F G B
12.7(.500)
D.1
A
D.2
7.50(.295)
1.0(.039)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BD-E314RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-E302RD BRIGHT-BD-E302RD Datasheet
212Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E302RD-B BRIGHT-BD-E302RD-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E304RD BRIGHT-BD-E304RD Datasheet
212Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E305RD BRIGHT-BD-E305RD Datasheet
216Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E306RD BRIGHT-BD-E306RD Datasheet
143Kb / 3P
   0.30(7.620mm) DUAL DIGIT LED DISPLAY
More results

Similar Description - BD-E314RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-A531RD ETC1-BD-A531RD Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BD-E401ND-A YSTONE-BD-E401ND-A Datasheet
197Kb / 2P
   DUAL DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BT-M511RD YSTONE-BT-M511RD Datasheet
121Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com