Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71257 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS71257
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71257 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS71257 Datasheet HTML 7Page - Texas Instruments TPS71257 Datasheet HTML 8Page - Texas Instruments TPS71257 Datasheet HTML 9Page - Texas Instruments TPS71257 Datasheet HTML 10Page - Texas Instruments TPS71257 Datasheet HTML 11Page - Texas Instruments TPS71257 Datasheet HTML 12Page - Texas Instruments TPS71257 Datasheet HTML 13Page - Texas Instruments TPS71257 Datasheet HTML 14Page - Texas Instruments TPS71257 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
Inductor Current
100 mA/Div, DC
Output Voltage
50 mV/Div, AC
Timebase − 200
µs/Div
VI = 3.3 V, RL = 330 W
VO = 3.3 V
Output Voltage
20 mV/Div, AC
Input Current
100 mA/Div, DC
Timebase − 500
µs/Div
VI = 3.3 V
IL = 60 mA to 140 mA
VO = 3.3 V
Output Voltage
2 V/Div, DC
Input Current
200 mA/Div, DC
Enable
5 V/Div, DC
Voltage at SW
5 V/Div, DC
Timebase − 400
µs/Div
VI = 3.6 V, RL = 66 W
VO = 3.3 V
Output Voltage
50 mV/Div, AC
Input Voltage
1 V/Div, DC
Timebase − 200
µs/Div
VI = 3.0 V to 4.2 V
RL = 33 W
VO = 3.3 V
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
TPS61132
SEPIC CONVERTER OUTPUT VOLTAGE
TPS61132
IN POWER SAVE MODE
SEPIC CONVERTER LOAD TRANSIENT RESPONSE
Figure 11.
Figure 12.
TPS61132
TPS61132
SEPIC CONVERTER LINE TRANSIENT RESPONSE
SEPIC CONVERTER START-UP AFTER ENABLE
Figure 13.
Figure 14.
11


Similar Part No. - TPS71257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71257 TI-TPS71257 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71257 TI-TPS71257 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71257 TI1-TPS71257 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71257DRCR TI-TPS71257DRCR Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71257DRCR TI1-TPS71257DRCR Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI1-TPS61130_15 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com