Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2079 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2079
Description  Integrated Circuit 7-Stage Darlington Transistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2079 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2079 Datasheet HTML 1Page - NTE Electronics NTE2079 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = –20° to +75°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Sustaining Voltage
V(BR)CEO
40
V
Output Saturation Voltage
VCE(sat)
Vi = 5V, IC = 400mA
1.2
2.4
V
Vi = 5V, IC = 200mA
0.9
1.6
V
Input Current
II
Vi = 17V
0.3
0.8
1.8
mA
DC Forward Current Gain
hFE
VCE = 4V, IC = 400mA,
TA = 25°C
1000
6000
Note 1. A typical value is at TA = +25°C
Pin Connection Diagram
.700 (17.78)
.100 (2.54)
18
16
9
.200 (5.08)
Max
.870 (22.0) Max
.260 (6.6)
Max
.099 (2.5) Min
N.C.
Output 1
Output 5
Output 6
Input 5
Input 4
Output 7
Output 4
Output 3
Output 2
Input 3
GND
Input 7
1
2
3
4
Input 1
Input 2
5
6
Input 6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - NTE2079

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2075 NTE-NTE2075 Datasheet
21Kb / 2P
   Integrated Circuit 5-Stage Transistor Array w/Strobe
NTE2076 NTE-NTE2076 Datasheet
18Kb / 2P
   Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode
More results

Similar Description - NTE2079

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
logo
KEC(Korea Electronics)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
   7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com