Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR02AM-4 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CR02AM-4
Description  LOW POWER USE PLANAR PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR02AM-4 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CR02AM-4 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR02AM-4 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR02AM-4 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR02AM-4 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR02AM-4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sep.2000
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR02AM
LOW POWER USE
PLANAR PASSIVATION TYPE
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.5
0
0.1
0.2
0.3
0.4
θ = 30°
60
°
120
°
90
°
180
°
DC
270
°
θ
360
°
RESISTIVE,
INDUCTIVE
LOADS
160
120
60
40
20
140
100
80
0
0.5
0
0.1
0.2
0.3
0.4
θ
360
°
θ = 30°
60
°
120
°
90
°
180
°
DC
270
°
NATURAL
CONVECTION
RESISTIVE,
INDUCTIVE
LOADS
160
120
60
40
20
140
100
80
0
0.4
0
0.1
0.2
0.3
θ = 30° 60°
120
°
90
°
180
°
θ
360
°
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
160
120
60
40
20
140
100
80
0
0.5
0
0.1
0.2
0.3
0.4
θ θ
360
°
θ = 30°
60
°
120
°
90
°
180
°
RESISTIVE LOADS
NATURAL
CONVECTION
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.5
0
0.1
0.2
0.3
0.4
θ = 30°
60
°
120
°
90
°
180
°
θ θ
360
°
RESISTIVE LOADS
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120 140
–20
20
60
100
TYPICAL EXAMPLE
RGK = 1k
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE POWER DISSIPATION
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)


Similar Part No. - CR02AM-4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR02AM-8 MITSUBISHI-CR02AM-8 Datasheet
67Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
103Kb / 8P
   Thyristor Low Power Use
CR02AM-8-A6 RENESAS-CR02AM-8-A6 Datasheet
103Kb / 8P
   Thyristor Low Power Use
CR02AM-8-E RENESAS-CR02AM-8-E Datasheet
89Kb / 8P
   Thyristor Low Power Use
More results

Similar Description - CR02AM-4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
BCR1AM-8 MITSUBISHI-BCR1AM-8 Datasheet
104Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM-14 MITSUBISHI-BCR08AM-14 Datasheet
27Kb / 2P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM_15 Datasheet
119Kb / 8P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR5PM MITSUBISHI-BCR5PM Datasheet
93Kb / 5P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3PM MITSUBISHI-BCR3PM Datasheet
92Kb / 5P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR2PM MITSUBISHI-BCR2PM Datasheet
48Kb / 4P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM MITSUBISHI-BCR3KM Datasheet
48Kb / 5P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM-14 MITSUBISHI-BCR3KM-14 Datasheet
31Kb / 2P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com