Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-A432ND Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BD-A432ND
Description  DUAL DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BD-A432ND Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BD-A432ND Datasheet HTML 1Page - List of Unclassifed Manufacturers BD-A432ND Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BD-E311RD
BD-F311RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.5
BD-E315RD
BD-F315RD
BD-E315RE
BD-F315RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.0
BD-E312RD
BD-F312RD
GaP/ Green
568
30
80
30
150
2.2
2.5
2.5
BD-E313RD
BD-F313RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BD-E314RD
BD-F314RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
2.5
BD-E316RD
BD-F316RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
5.0
0.30"
Dual-Digit
BD-E31DRD
BD-F31DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
6.0
DD-07
BD-E321RD
BD-F321RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BD-E325RD
BD-F325RD
BD-E325RE
BD-F325RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BD-E322RD
BD-F322RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BD-E323RD
BD-F323RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BD-E324RD
BD-F324RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BD-E326RD
BD-F326RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.36"
Dual-Digit
BD-E32DRD
BD-F32DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
DD-08
BD-A431ND
BD-C431ND
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-A435ND
BD-C435ND
BD-A435ND
BD-C435ND
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-A432ND
BD-C432ND
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-A433ND
BD-C433ND
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-A434ND
BD-C434ND
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-A436ND
BD-C436ND
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.39"
Dual-Digit
BD-A43DND
BD-C43DND
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-09
BD-A401ND
BD-C401ND
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-A405ND
BD-C405ND
BD-A405NE
BD-C405NE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-A402ND
BD-C402ND
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-A403ND
BD-C403ND
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-A404NE
BD-C404NE
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-A406ND
BD-C406ND
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.40"
Dual-Digit
BD-A40DND
BD-C40DND
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-10
BD-A401ND-A
BD-C401ND-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-A405ND-A
BD-C405ND-A
BD-A405NE-A
BD-C405NE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-A402ND-A
BD-C402ND-A
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-A403ND-A
BD-C403ND-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-A404NE-A
BD-C404NE-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-A406ND-A
BD-C406ND-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
BD-A40DND-A BD-C40DND-A GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-11
BD-E401RD
BD-F401RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-E405RD
BD-F405RD
BD-E405RE
BD-F405RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-E402RD
BD-F402RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-E403RD
BD-F403RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-E404RD
BD-F404RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-E406RD
BD-F406RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.40"
Dual-Digit
BD-E40DRD
BD-F40DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-12
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BD-A432ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-A432ND BRIGHT-BD-A432ND Datasheet
245Kb / 3P
   green chips, which are made from GaP on GaP substrate
More results

Similar Description - BD-A432ND

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-A531RD ETC1-BD-A531RD Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BD-E401ND-A YSTONE-BD-E401ND-A Datasheet
197Kb / 2P
   DUAL DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BT-M511RD YSTONE-BT-M511RD Datasheet
121Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com