Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD1553 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STD1553
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD1553 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STD1553 Datasheet HTML 1Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 2Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 3Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 4Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 5Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 6Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 7Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 8Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.samhop.com.tw
Jul,24,2015
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
110
100
10
100
1000
TD(off )
180
150
120
90
60
30
0
10
0
125 C
75 C
25 C
ID=12A
10
1
20
Ciss
Coss
Crss
3000
2500
2000
1500
1000
500
0
10
15
20
25
30
0
5
0.1
1
10
100
10
1
0.1
10
8
6
4
2
0
VDS=75V
ID=12A
8
6
4
2
0
30
24
18
12
6
0
0.8
0.6
0.4
0.2
1.0
125 C
25 C
75 C
Ver 1.0
VDS=75V,ID=1A
VGS=10V
Tf
TD(on)
Tr
DC
10
ms
1ms
10
0u
s
R
DS
(O
N)
Lim
it
STU1553
STD1553
VGS=10V
Single Pulse
TC=25 C
1
100


Similar Part No. - STD1553

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD1554 SAMHOP-STD1554 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
   N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
STD155N3LH6 STMICROELECTRONICS-STD155N3LH6 Datasheet
1,013Kb / 18P
   N-channel 30 V, 2.4 m廓 , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
logo
VBsemi Electronics Co.,...
STD155N3LH6 VBSEMI-STD155N3LH6 Datasheet
981Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD1553

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com