Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5421 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5421 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5421 Datasheet HTML 3Page - Intersil Corporation EL5421 Datasheet HTML 4Page - Intersil Corporation EL5421 Datasheet HTML 5Page - Intersil Corporation EL5421 Datasheet HTML 6Page - Intersil Corporation EL5421 Datasheet HTML 7Page - Intersil Corporation EL5421 Datasheet HTML 8Page - Intersil Corporation EL5421 Datasheet HTML 9Page - Intersil Corporation EL5421 Datasheet HTML 10Page - Intersil Corporation EL5421 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FIGURE 26. PACKAGE POWER DISSIPATION VS AMBIENT
TEMPERATURE
Unused Buffers
It is recommended that any unused buffer have the input tied
to the ground plane.
Driving Capacitive Loads
The EL5421 can drive a wide range of capacitive loads. As
load capacitance increases, however, the -3dB bandwidth of
the device will decrease and the peaking increase. The
buffers drive 10pF loads in parallel with 10k
Ω with just 1.5dB
of peaking, and 100pF with 6.4dB of peaking. If less peaking
is desired in these applications, a small series resistor
(usually between 5
Ω and 50Ω) can be placed in series with
the output. However, this will obviously reduce the gain
slightly. Another method of reducing peaking is to add a
"snubber" circuit at the output. A snubber is a shunt load
consisting of a resistor in series with a capacitor. Values of
150
Ω and 10nF are typical. The advantage of a snubber is
that it does not draw any DC load current or reduce the gain
Power Supply Bypassing and Printed Circuit
Board Layout
The EL5421 can provide gain at high frequency. As with any
high-frequency device, good printed circuit board layout is
necessary for optimum performance. Ground plane
construction is highly recommended, lead lengths should be
as short as possible and the power supply pins must be well
bypassed to reduce the risk of oscillation. For normal single
supply operation, where the VS- pin is connected to ground,
a 0.1µF ceramic capacitor should be placed from VS+ to pin
to VS- pin. A 4.7µF tantalum capacitor should then be
connected in parallel, placed in the region of the buffer. One
4.7µF capacitor may be used for multiple devices. This same
capacitor combination should be placed at each supply pin
to ground if split supplies are to be used.
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
θ
JA =
206
°C
/W
MS
OP
10
0.5
EL5421


Similar Part No. - EL5421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421CY ELANTEC-EL5421CY Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421CY INTERSIL-EL5421CY Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com