Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5224IRE-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5224IRE-T13
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5224IRE-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5224IRE-T13 Datasheet HTML 1Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 2Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 3Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 4Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 5Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 6Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 7Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 8Page - Intersil Corporation EL5224IRE-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V, VS+ +0.5V
Maximum Continuous Output Current (VOUT0-9) . . . . . . . . . . 30mA
Maximum Continuous Output Current (VOUTA). . . . . . . . . . . 150mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +15V, VS- = 0, RL = 10kΩ, RF = RG = 20kΩ, CL = 10pF to 0V, Gain of VCOM = -1, and TA = 25°C Unless
Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOS
Input Offset Voltage
VCM = 0V
2
14
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/
°C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
1V
≤ VOUT ≤ 14V
0.992
1.008
V/V
INPUT CHARACTERISTICS (VCOM BUFFER)
VOS
Input Offset Voltage
VCM = 7.5V
1
4
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
3
µV/
°C
IB
Input Bias Current
VCM = 7.5V
2
100
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
VREG
Load Regulation
VCOM = 6V, -100mA < IL < 100mA
-20
+20
mV
OUTPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOL
Output Swing Low
IL = 7.5mA
50
150
mV
VOH
Output Swing High
IL = 7.5mA
14.85
14.95
V
ISC
Short Circuit Current
120
140
mA
OUTPUT CHARACTERISTICS (VCOM BUFFER)
VOL
Output Swing Low
50
Ω to 7.5V
1
1.5
V
VOH
Output Swing High
50
Ω to 7.5V
13.5
14
V
ISC
Short Circuit Current
160
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
Reference buffer VS from 5V to 15V
55
80
dB
VCOM buffer, VS from 5V to 15V
60
100
dB
IS
Total Supply Current
EL5224 (no load)
5
6.8
8
mA
EL5324 (no load)
6
7.8
9.5
mA
EL5424 (no load)
7
8.8
11
mA
DYNAMIC PERFORMANCE (BUFFER AMPLIFIERS)
SR
Slew Rate (Note 2)
-4V
≤ VOUT ≤ 4V, 20% to 80%
7
15
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
250
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
EL5224, EL5324, EL5424


Similar Part No. - EL5224IRE-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5224IRE-T13 INTERSIL-EL5224IRE-T13 Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
More results

Similar Description - EL5224IRE-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com