Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5324IRE Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5324IRE
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5324IRE Datasheet(HTML) 5 Page - Intersil Corporation

  EL5324IRE Datasheet HTML 1Page - Intersil Corporation EL5324IRE Datasheet HTML 2Page - Intersil Corporation EL5324IRE Datasheet HTML 3Page - Intersil Corporation EL5324IRE Datasheet HTML 4Page - Intersil Corporation EL5324IRE Datasheet HTML 5Page - Intersil Corporation EL5324IRE Datasheet HTML 6Page - Intersil Corporation EL5324IRE Datasheet HTML 7Page - Intersil Corporation EL5324IRE Datasheet HTML 8Page - Intersil Corporation EL5324IRE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS RL
(BUFFER)
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS CL
(BUFFER)
FIGURE 3. PSRR vs FREQUENCY (BUFFER)
FIGURE 4. OUTPUT IMPEDANCE vs FREQUENCY (BUFFER)
FIGURE 5. INPUT NOISE SPECIAL DENSITY vs FREQUENCY
(BUFFER)
FIGURE 6. OVERSHOOT vs LOAD CAPACITANCE (BUFFER)
20
10
0
-10
-20
-30
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±7.5V
CL=10pF
10k
562
150
1k
20
10
0
-10
-20
-30
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±7.5V
RL=10kΩ
100pF
1000pF
12pF
47pF
100
80
60
40
20
0
1K
10K
1M
10M
FREQUENCY (Hz)
VS=±7.5V
PSRR-
PSRR+
100K
600
480
360
240
120
0
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±7.5V
TA=25°C
100
10
1
10K
100K
10M
100M
FREQUENCY (Hz)
1M
80
70
60
50
40
20
0
10
100
1K
CAPACITANCE (pF)
30
10
VS=±7.5V
RL=10kΩ
VIN=100mV
EL5224, EL5324, EL5424


Similar Part No. - EL5324IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5324IREZ RENESAS-EL5324IREZ Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
EL5324IREZ-T13 RENESAS-EL5324IREZ-T13 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
EL5324IREZ-T7 RENESAS-EL5324IREZ-T7 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5324IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com