Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5323CR Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5323CR
Description  12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5323CR Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5323CR Datasheet HTML 3Page - Intersil Corporation EL5323CR Datasheet HTML 4Page - Intersil Corporation EL5323CR Datasheet HTML 5Page - Intersil Corporation EL5323CR Datasheet HTML 6Page - Intersil Corporation EL5323CR Datasheet HTML 7Page - Intersil Corporation EL5323CR Datasheet HTML 8Page - Intersil Corporation EL5323CR Datasheet HTML 9Page - Intersil Corporation EL5323CR Datasheet HTML 10Page - Intersil Corporation EL5323CR Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7176.1
November 19, 2004
Typical Performance Curves
FIGURE 1. OUTPUT SWING vs FREQUENCY
FIGURE 2. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 3. OVERSHOOT vs LOAD CAPACITANCE
FIGURE 4. SETTLING TIME vs STEP SIZE
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 6. FREQUENCY RESPONSE FOR VARIOUS RL
12
10
8
6
4
2
0
10K
100K
1M
10M
FREQUENCY (Hz)
VS=±5V
RL=10kΩ
0.018
0.016
0.014
0.012
0.01
0.008
0.006
VS=±5V
RL=10kΩ
VIN=2VP-P
1K
10K
100K
FREQUENCY (Hz)
80
70
60
50
40
20
0
30
10
VS=±5V
RL=10kΩ
VIN=100mV
10
100
1K
CAPACITANCE (pF)
10
6
2
-6
-10
200
400
650
SETTLING TIME (ns)
-2
250 300 350
450 500 550 600
VS=±5V
RL=10kΩ
CL=12pF
20
10
0
-10
-20
-30
VS=±5V
RL=10kΩ
1000pF
100K
1M
10M
100M
FREQUENCY (Hz)
12pF
100pF
47pF
20
10
0
-10
-20
-30
VS=±5V
CL=10pF
100K
1M
10M
100M
FREQUENCY (Hz)
10k
562
1k
150
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5323CR

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5323CR ELANTEC-EL5323CR Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5323CR INTERSIL-EL5323CR Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5323CR INTERSIL-EL5323CR Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5323CR RENESAS-EL5323CR Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5323CR-T13 INTERSIL-EL5323CR-T13 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5323CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com