Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5224ILZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5224ILZ-T7
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5224ILZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5224ILZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Applications Information
Product Description
The EL5224, EL5324, and EL5424 unity gain buffers and
100mA VCOM amplifier are fabricated using a high voltage
CMOS process. The buffers exhibit rail-to-rail input and
output capability and has low power consumption (600µA
per buffer). When driving a load of 10k
Ω and 12pF, the
buffers have a -3dB bandwidth of 12MHz and exhibits
18V/µs slew rate. The VCOM amplifier exhibits rail-to-rail
input. The output can be driving to within 2V of each supply
rail. With a 1µF capacitance load, the GBWP is about 1MHz.
Correct operation is guaranteed for a supply range of 4.5V to
16.5V.
The Use of the Buffers
The output swings of the buffers typically extend to within
100mV of positive and negative supply rails with load
currents of 5mA. Decreasing load currents will extend the
output voltage range even closer to the supply rails.
Figure 21 shows the input and output waveforms for the
device. Operation is from ±5V supply with a 10k
Ω load
connected to GND. The input is a 10VP-P sinusoid. The
output voltage is approximately 9.985VP-P.
SHORT-CIRCUIT CURRENT LIMIT
The buffers will limit the short circuit current to ±120mA if the
output is directly shorted to the positive or the negative
supply. If an output is shorted indefinitely, the power
dissipation could easily increase such that the device may
be damaged. Maximum reliability is maintained if the output
continuous current never exceeds ±30mA. This limit is set by
the design of the internal metal interconnects.
OUTPUT PHASE REVERSAL
The buffers are immune to phase reversal as long as the
input voltage is limited from VS- -0.5V to VS+ +0.5V.
Figure 22 shows a photo of the output of the device with the
input voltage driven beyond the supply rails. Although the
device's output will not change phase, the input's
overvoltage should be avoided. If an input voltage exceeds
supply voltage by more than 0.6V, electrostatic protection
diodes placed in the input stage of the device begin to
conduct and overvoltage damage could occur.
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD. HTSSOP EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3.5
3
2.5
1.5
1
0.5
0
025
50
75
100
150
AMBIENT TEMPERATURE (°C)
3.030W
125
85
2
3.333W
HTSSOP28
θJA=30°C/W
HTSSOP24
θJA=33°C/W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
0.8
0.5
0.7
125
833mW
HTSSOP28
θJA=110°C/W
HTSSOP24
θJA=120°C/W
909mW
5V
5V
10µs
VS=±5V
TA=25°C
VIN=10VP-P
FIGURE 21. OPERATION WITH RAIL-TO-RAIL INPUT AND
OUTPUT
EL5224, EL5324, EL5424


Similar Part No. - EL5224ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5224ILZ-T7 INTERSIL-EL5224ILZ-T7 Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
logo
Renesas Technology Corp
EL5224ILZ-T7 RENESAS-EL5224ILZ-T7 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5224ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com