Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5224ILZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5224ILZ-T7
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5224ILZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5224ILZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5224ILZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
UNUSED BUFFERS
It is recommended that any unused buffers have their inputs
tied to the ground plane.
DRIVING CAPACITIVE LOADS
The buffers can drive a wide range of capacitive loads. As
load capacitance increases, however, the -3dB bandwidth of
the device will decrease and the peaking increase. The
buffers drive 10pF loads in parallel with 10k
Ω with just 1.5dB
of peaking, and 100pF with 6.4dB of peaking. If less peaking
is desired in these applications, a small series resistor
(usually between 5
Ω and 50Ω) can be placed in series with
the output. However, this will obviously reduce the gain
slightly. Another method of reducing peaking is to add a
snubber circuit at the output. A snubber is a shunt load
consisting of a resistor in series with a capacitor. Values of
150
Ω and 10nF are typical. The advantage of a snubber is
that it does not draw any DC load current or reduce the gain.
The Use of VCOM Amplifier
The VCOM amplifier is designed to control the voltage on the
back plate of an LCD display. This plate is capacitively
coupled to the pixel drive voltage which alternately cycles
positive and negative at the line rate for the display. Thus the
amplifier must be capable of sourcing and sinking capacitive
pulses of current, which can occasionally be quite large (a
few 100mA for typical applications).
A simple use of the VCOM amplifier is as a voltage follower,
as illustrated in Figure 23. Here, a voltage, corresponding to
the mid-DAC potential, is generated by a resistive divider
and buffered by the amplifier. The amplifier's stability is
designed to be dominated by the load capacitance, thus for
very short duration pulses (< 1µs) the output capacitor
supplies the current. For longer pulses the VCOM amplifier
supplies the current. By virtue of its high transconductance
which progressively increases as more current is drawn, it
can maintain regulation within 5mV as currents up to 100mA
are drawn, while consuming only 2mA of quiescent current.
Alternatively, the back plate potential can be generated by a
DAC and the VCOM amplifier used to buffer the DAC
voltage, with gain if necessary. This is shown in Figure 24. In
this case, the effective transconductance of the feedback is
reduced, thus the amplifier will be more stable, but regulation
will be degraded by the feedback factor.
CHOICE OF OUTPUT CAPACITOR
A 1µF ceramic capacitor with low ESR is recommended for
this amplifier. (For example, GRM42_ 6X7R105K16). This
capacitor determines the stability of the amplifier. Reducing it
will make the amplifier less stable, and should be avoided.
With a 1µF capacitor, the unity gain bandwidth of the
amplifier is close to 1MHz when reasonable currents are
being drawn. (For lower load currents, the gain and hence
bandwidth progressively decreases.) This means the active
trans-conductance is:
This high transconductance indicates why it is important to
have a low ESR capacitor.
If:
then the capacitor will not force the gain to roll off below
unity, and subsequent poles can affect stability. The
recommended capacitor has an ESR of 10m
Ω, but to this
must be added the resistance of the board trace between the
capacitor and the sense connection - therefore this should
be kept short, as illustrated in Figure 21, by the diagonal line
to the capacitor. Also ground resistance between the
capacitor and the base of R2 must be kept to a minimum.
These constraints should be considered when laying out the
PCB.
1V
1V
10µs
VS=±2.5V
TA=25°C
VIN=6VP-P
FIGURE 22. OPERATION WITH BEYOND-THE-RAILS INPUT
-
+
R1
R2
VBOOST
VCOM
1µF CERAMIC
LOW ESR
IPCOM
INCOM
VCOM
VDDCOM
FIGURE 23. VCOM USED AS A VOLTAGE BUFFER
VSSCOM
-
+
R1
R2
VBOOST
VCOM
1µF CERAMIC
LOW ESR
FROM DAC
FIGURE 24. VCOM USED AS A BUFFER WITH GAIN
2
π 1µF1MHz
×
×
6.28S
=
ESR
6.28
1
>
×
EL5224, EL5324, EL5424


Similar Part No. - EL5224ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5224ILZ-T7 INTERSIL-EL5224ILZ-T7 Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
logo
Renesas Technology Corp
EL5224ILZ-T7 RENESAS-EL5224ILZ-T7 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5224ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com