Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5224ILZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5224ILZ-T13
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5224ILZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5224ILZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5224ILZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7004.3
EL5224, EL5324, EL5424
12MHz Rail-to-Rail Buffers + 100mA VCOM
Amplifier
The EL5224, EL5324, and EL5424 feature 8, 10, and 12 low
power buffers, respectively, and one high power output
amplifier. They are designed primarily for buffering column
driver reference voltages in TFT-LCD applications as well as
generation of the VCOM supply. Each low power buffer
features a -3dB bandwidth of 12MHz and features rail-to-rail
input/output capability. The high power buffer can drive
100mA and swings to within 2V of each rail.
The 8-channel EL5224 is available in 24-pin QFN and 24-pin
HTSSOP packages, the 10-channel EL5324 is available in
32-pin QFN and 28-pin HTSSOP packages, and the
12-channel EL5434 is available in the 32-pin QFNQFN
package. They are specified for operation over the full -40°C
to +85°C temperature range.
Features
• 8, 10, and 12 channel versions
• 12MHz -3dB buffer bandwidth
•150mA VCOM buffer
• Operating supply voltage from 4.5V to 16.5V
• Low supply current - 6mA total (8-channel version)
• Rail-to-rail input/output swing (buffers only)
• QFN package - just 0.9mm high
• Pb-Free available (RoHS compliant)
Applications
• TFT-LCD column driver buffering and VCOM supply
• Electronics notebooks
• Computer monitors
• Electronics games
• Touch-screen displays
• Portable instrumentation
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5224IL
24-Pin QFN
MDP0046
EL5224IL-T7
24-Pin QFN
7”
MDP0046
EL5224IL-T13
24-Pin QFN
13”
MDP0046
EL5224ILZ
(See Note)
24-Pin QFN
(Pb-free)
MDP0046
EL5224ILZ-T7
(See Note)
24-Pin QFN
(Pb-free)
7”
MDP0046
EL5224ILZ-T13
(See Note)
24-Pin QFN
(Pb-free)
13”
MDP0046
EL5224IRE
24-Pin HTSSOP
-
MDP0048
EL5224IRE-T7
24-Pin HTSSOP
7”
MDP0048
EL5224IRE-T13
24-Pin HTSSOP
13”
MDP0048
EL5224IREZ
(See Note)
24-Pin HTSSOP
(Pb-free)
-
MDP0048
EL5224IREZ-T7
(See Note)
24-Pin HTSSOP
(Pb-free)
7”
MDP0048
EL5224IREZ-T13
(See Note)
24-Pin HTSSOP
(Pb-free)
13”
MDP0048
EL5324IL
32-Pin QFN
MDP0046
EL5324IL-T7
32-Pin QFN
7”
MDP0046
EL5324IL-T13
32-Pin QFN
13”
MDP0046
EL5324ILZ
(See Note)
32-Pin QFN
(Pb-free)
MDP0046
EL5324ILZ-T7
(See Note)
32-Pin QFN
(Pb-free)
7”
MDP0046
EL5324ILZ-T13
(See Note)
32-Pin QFN
(Pb-free)
13”
MDP0046
EL5324IRE
28-Pin HTSSOP
-
MDP0048
EL5324IRE-T7
28-Pin HTSSOP
7”
MDP0048
EL5324IRE-T13
28-Pin HTSSOP
13”
MDP0048
EL5324IREZ
(See Note)
28-Pin HTSSOP
(Pb-free)
-
MDP0048
EL5324IREZ-T7
(See Note)
28-Pin HTSSOP
(Pb-free)
7”
MDP0048
EL5324IREZ-T13
(See Note)
28-Pin HTSSOP
(Pb-free)
13”
MDP0048
EL5424IL
32-Pin QFN
MDP0046
EL5424IL-T7
32-Pin QFN
7”
MDP0046
EL5424IL-T13
32-Pin QFN
13”
MDP0046
EL5424ILZ
(See Note)
32-Pin QFN
(Pb-free)
MDP0046
EL5424ILZ-T7
(See Note)
32-Pin QFN
(Pb-free)
7”
MDP0046
EL5424ILZ-T13
(See Note)
32-Pin QFN
(Pb-free)
13”
MDP0046
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Ordering Information (Continued)
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
Data Sheet
May 11, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5224ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5224ILZ-T13 INTERSIL-EL5224ILZ-T13 Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
logo
Renesas Technology Corp
EL5224ILZ-T13 RENESAS-EL5224ILZ-T13 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5224ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com