Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5423CR-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5423CR-T7
Description  12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5423CR-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5423CR-T7 Datasheet HTML 1Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 2Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 3Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 4Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 5Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 6Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 7Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 8Page - Intersil Corporation EL5423CR-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN7176.1
November 19, 2004
Ordering Information
PART NO.
PACKAGE
TAPE &
REEL
PKG. DWG. #
PART NO.
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5123CY
10-Pin MSOP
-
MDP0043
EL5323CLZ
(See Note)
24-Pin QFN
(Pb-Free)
-
MDP0046
EL5123CY-T7
10-Pin MSOP
7”
MDP0043
EL5323CLZ-T7
(See Note)
24-Pin QFN
(Pb-Free)
7”
MDP0046
EL5123CY-T13
10-Pin MSOP
13”
MDP0043
EL5323CLZ-T13
(See Note)
24-Pin QFN
(Pb-Free)
13”
MDP0046
EL5123CYZ
(See Note)
10-Pin MSOP
(Pb-Free)
-
MDP0043
EL5323CR
24-Pin TSSOP
-
MDP0044
EL5123CYZ-T7
(See Note)
10-Pin MSOP
(Pb-Free)
7”
MDP0043
EL5323CR-T7
24-Pin TSSOP
7”
MDP0044
EL5123CYZ-T13
(See Note)
10-Pin MSOP
(Pb-Free)
13”
MDP0043
EL5323CR-T13
24-Pin TSSOP
13”
MDP0044
EL5223CL
24-Pin QFN
-
MDP0046
EL5323CRZ
(See Note)
24-Pin TSSOP
(Pb-Free)
-
MDP0044
EL5223CL-T7
24-Pin QFN
7”
MDP0046
EL5323CRZ-T7
(See Note)
24-Pin TSSOP
(Pb-Free)
7”
MDP0044
EL5223CL-T13
24-Pin QFN
13”
MDP0046
EL5323CRZ-T13
(See Note)
24-Pin TSSOP
(Pb-Free)
13”
MDP0044
EL5223CLZ
(See Note)
24-Pin QFN
(Pb-Free)
-
MDP0046
EL5423CL
32-Pin QFN
-
MDP0046
EL5223CLZ-T7
(See Note)
24-Pin QFN
(Pb-Free)
7”
MDP0046
EL5423CL-T7
32-Pin QFN
7”
MDP0046
EL5223CLZ-T13
(See Note)
24-Pin QFN
(Pb-Free)
13”
MDP0046
EL5423CL-T13
32-Pin QFN
13”
MDP0046
EL5223CR
20-Pin TSSOP
-
MDP0044
EL5423CLZ
(See Note)
32-Pin QFN
(Pb-Free)
-
MDP0046
EL5223CR-T7
20-Pin TSSOP
7”
MDP0044
EL5423CLZ-T7
(See Note)
32-Pin QFN
(Pb-Free)
7”
MDP0046
EL5223CR-T13
20-Pin TSSOP
13”
MDP0044
EL5423CLZ-T13
(See Note)
32-Pin QFN
(Pb-Free)
13”
MDP0046
EL5223CRZ
(See Note)
20-Pin TSSOP
(Pb-Free)
-
MDP0044
EL5423CR
28-Pin TSSOP
-
MDP0044
EL5223CRZ-T7
(See Note)
20-Pin TSSOP
(Pb-Free)
7”
MDP0044
EL5423CR-T7
28-Pin TSSOP
7”
MDP0044
EL5223CRZ-T13
(See Note)
20-Pin TSSOP
(Pb-Free)
13”
MDP0044
EL5423CR-T13
28-Pin TSSOP
13”
MDP0044
EL5323CL
24-Pin QFN
-
MDP0046
EL5423CRZ
(See Note)
28-Pin TSSOP
(Pb-Free)
-
MDP0044
EL5323CL-T7
24-Pin QFN
7”
MDP0046
EL5423CRZ-T7
(See Note)
28-Pin TSSOP
(Pb-Free)
7”
MDP0044
EL5323CL-T13
24-Pin QFN
13”
MDP0046
EL5423CRZ-T13
(See Note)
28-Pin TSSOP
(Pb-Free)
13”
MDP0044
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5423CR-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5423CR-T7 INTERSIL-EL5423CR-T7 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423CR-T7 INTERSIL-EL5423CR-T7 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5423CR-T7 RENESAS-EL5423CR-T7 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5423CR-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com