Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5224IREZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5224IREZ-T13
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5224IREZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5224IREZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5224IREZ-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 13. TRANSIENT LOAD REGULATION - SOURCING
(VCOM)
FIGURE 14. TRANSIENT LOAD REGULATION - SINKING
(VCOM)
FIGURE 15. SMALL SIGNAL TRANSIENT RESPONSE
(BUFFER)
FIGURE 16. LARGE SIGNAL TRANSIENT RESPONSE
(BUFFER)
FIGURE 17. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
-100mA
0V
100mA/DIV
20mV/DIV
0mA
CL=1µF
M=4µs/DIV, VS=±7.5V, VIN=0V
100mA
0V
100mA/DIV
20mV/DIV
0mA
M=4µs/DIV, VS=±7.5V, VIN=0V
CL=1µF
200ns/DIV
50mV/DIV
VS=±7.5V, RL=10kΩ, CL=12pF
1µs/DIV
1V/DIV
VS=±7.5V
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY (4-LAYER) TEST BOARD, QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3
2.5
2
1.5
1
0.5
0
0
255075
100
125
150
85
AMBIENT TEMPERATURE (°C)
2.703W
2.857W
QFN32
θJA=35°C/W
QFN24
θJA=37°C/W
JEDEC JESD51-3 AND SEMI G42-88 (SINGLE
LAYER) TEST BOARD
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
25
50
75
125
150
AMBIENT TEMPERATURE (°C)
100
85
714mW
758mW
QFN32
θJA=132°C/W
QFN24
θJA=140°C/W
EL5224, EL5324, EL5424


Similar Part No. - EL5224IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5224IREZ-T13 INTERSIL-EL5224IREZ-T13 Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
logo
Renesas Technology Corp
EL5224IREZ-T13 RENESAS-EL5224IREZ-T13 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5224IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com