Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5324IREZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5324IREZ-T13
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5324IREZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5324IREZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5324IREZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FIGURE 7. SETTLING TIME vs STEP SIZE (BUFFER)
FIGURE 8. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY (BUFFER)
FIGURE 9. OUTPUT SWING vs FREQUENCY (BUFFER)
FIGURE 10. FREQUENCY RESPONSE (VCOM)
FIGURE 11. TRANSIENT LOAD REGULATION - SOURCING
(BUFFER)
FIGURE 12. TRANSIENT LOAD REGULATION - SINKING
(BUFFER)
Typical Performance Curves (Continued)
10
8
6
4
2
-6
-10
200
400
650
SETTLING TIME (ns)
-2
-8
0
-4
250 300 350
450 500 550 600
VS=±7.5V
RL=10kΩ
CL=12pF
0.018
0.016
0.014
0.012
0.01
0.008
0.006
1K
10K
100K
FREQUENCY (Hz)
VS=±5V
RL=10kΩ
VIN=2VP-P
12
10
8
6
4
2
0
10K
100K
1M
10M
FREQUENCY (Hz)
VS=±5V
RL=10kΩ
4
2
0
-2
-4
-6
100
1K
100K
FREQUENCY (Hz)
VS=±7.5V
CL=1µF
1M
10K
AV=5
AV=1
5mA
0V
5mA/DIV
500mV/DIV
RS=0Ω
CL=200pF
RS=10Ω
CL=4.7nF
RS=10Ω
CL=1nF
0mA
M=1µs/DIV
VS=±7.5V
VIN=0V
5mA
0V
5mA/DIV
500mV/DIV
RS=0Ω
CL=200pF
RS=10Ω
CL=4.7nF
RS=10Ω
CL=1nF
0mA
M=1µs/DIV
VS=±7.5V
VIN=0V
EL5224, EL5324, EL5424


Similar Part No. - EL5324IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5324IREZ-T13 RENESAS-EL5324IREZ-T13 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5324IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com