Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS880Z18-100 Datasheet(PDF) 1 Page - GSI Technology

Part # GS880Z18-100
Description  8Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880Z18-100 Datasheet(HTML) 1 Page - GSI Technology

  GS880Z18-100 Datasheet HTML 1Page - GSI Technology GS880Z18-100 Datasheet HTML 2Page - GSI Technology GS880Z18-100 Datasheet HTML 3Page - GSI Technology GS880Z18-100 Datasheet HTML 4Page - GSI Technology GS880Z18-100 Datasheet HTML 5Page - GSI Technology GS880Z18-100 Datasheet HTML 6Page - GSI Technology GS880Z18-100 Datasheet HTML 7Page - GSI Technology GS880Z18-100 Datasheet HTML 8Page - GSI Technology GS880Z18-100 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev: 1.10 8/2000
1/25
© 1998, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
NoBL is a trademark of Cypress Semiconductor Corp.. NtRAM is a trademark of Samsung Electronics Co.. ZBT is a trademark of Integrated Device Technology, Inc.
Preliminary
GS880Z18/36T-11/100/80/66
8Mb Pipelined and Flow Through
Synchronous NBT SRAMs
100 MHz–66 MHz
3.3 V VDD
2.5 V and 3.3 V VDDQ
100-Pin TQFP
Commercial Temp
Industrial Temp
Features
• 512K x 18 and 256K x 36 configurations
• User configurable Pipeline and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
read-write-read bus utilization
• Fully pin compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• Pin compatible with 2M, 4M and 16M (future) devices
• 3.3 V +10%/–5% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleave Burst mode
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• Clock Control, registered address, data, and control
• ZZ Pin for automatic power-down
• JEDEC-standard 100-lead TQFP package
Functional Description
The GS880Z18/36T is an 8Mbit Synchronous Static SRAM.
GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other
pipelined read/double late write or flow through read/single
late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS880Z18/36T may be configured by the user to operate
in Pipeline or Flow Through mode. Operating as a pipelined
synchronous device, in addition to the rising-edge-triggered
registers that capture input signals, the device incorporates a
rising-edge-triggered output register. For read cycles, pipelined
SRAM output data is temporarily stored by the edge triggered
output register during the access cycle and then released to the
output drivers at the next rising edge of clock.
The GS880Z18/36T is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
standard 100-pin TQFP package.
-11
-100
-80
-66
Pipeline
3-1-1-1
tCycle
tKQ
IDD
10 ns
4.5 ns
210 mA
10 ns
4.5 ns
210 mA
12.5 ns
4.8 ns
190 mA
15 ns
5 ns
170 mA
Flow Through
2-1-1-1
tKQ
tCycle
IDD
11 ns
15 ns
150 mA
12 ns
15 ns
150 mA
14 ns
15 ns
130 mA
18 ns
20 ns
130 mA
A
B
C
D
E
F
R
W
R
W
R
W
QA
DB
QC
DD
QE
QA
DB
QC
DD
QE
Clock
Address
Read/Write
Flow Through
Data I/O
Pipelined
Data I/O
Flow Through and Pipelined NBT SRAM Back-to-Back Read/Write Cycles


Similar Part No. - GS880Z18-100

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS880Z18-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS882Z18B-100 ETC-GS882Z18B-100 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
GSI Technology
GS881Z18T GSI-GS881Z18T Datasheet
523Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-250IV GSI-GS8160Z36DGT-250IV Datasheet
240Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS841Z18AT GSI-GS841Z18AT Datasheet
655Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com