Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6F1616T6C-F Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6F1616T6C-F
Description  1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F1616T6C-F Datasheet(HTML) 6 Page - Samsung semiconductor

  K6F1616T6C-F Datasheet HTML 1Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 2Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 3Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 4Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 5Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 6Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 7Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 8Page - Samsung semiconductor K6F1616T6C-F Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
K6F1616T6C Family
Revision 0.0
November 2003
6
CMOS SRAM
Preliminary
Address
Data Out
Previous Data Valid
Data Valid
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS1=OE=VIL, CS2=WE=VIH, UB or/and LB=VIL)
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
Data Valid
High-Z
tRC
CS1
Address
UB, LB
OE
Data out
tAA
tRC
tOH
tOH
tAA
tCO
tBA
tOE
tOLZ
tBLZ
tLZ
tOHZ
tBHZ
tHZ
NOTES (READ CYCLE)
1.
tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage
levels.
2. At any given temperature and voltage condition,
tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device
interconnection.
CS2


Similar Part No. - K6F1616T6C-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616T6B-EF55 SAMSUNG-K6F1616T6B-EF55 Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616T6B-EF70 SAMSUNG-K6F1616T6B-EF70 Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616T6B-F SAMSUNG-K6F1616T6B-F Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616T6B-TF55 SAMSUNG-K6F1616T6B-TF55 Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F1616T6C-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616U6A SAMSUNG-K6F1616U6A Datasheet
160Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616R6C SAMSUNG-K6F1616R6C Datasheet
153Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com