Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87608AYILFT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICS87608AYILFT
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608AYILFT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICS87608AYILFT Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608AYILFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
4
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
TABLE 3A. OUTPUT CONTROL PIN FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
R
M3
A
Q
:
0
A
QT
U
O
_
F
E
R
,
T
U
O
_
B
F
,
3
B
Q
:
0
B
Q
1W
O
LW
O
L
0e
v
i
t
c
Ae
v
i
t
c
A
TABLE 3B. OPERATING MODE FUNCTION TABLE
s
t
u
p
n
I
e
d
o
M
g
n
i
t
a
r
e
p
O
L
E
S
_
L
L
P
0s
s
a
p
y
B
1L
L
P
TABLE 3C. PLL INPUT FUNCTION TABLE
s
t
u
p
n
I
L
E
S
_
L
A
T
Xt
u
p
n
I
L
L
P
0N
I
_
F
E
R
1r
o
t
a
ll
i
c
s
O
L
A
T
X
TABLE 3D. CONTROL FUNCTION TABLE
s
t
u
p
n
I
s
t
u
p
t
u
O
1
=
L
E
S
_
L
L
Py
c
n
e
u
q
e
r
F
_
V
I
D
B
F
1
L
E
S
_
V
I
D
B
F
0
L
E
S
B
k
n
a
B
_
V
I
D
1
B
L
E
S
B
k
n
a
B
_
V
I
D
0
B
L
E
S
A
k
n
a
B
_
V
I
D
1
A
L
E
S
A
k
n
a
B
_
V
I
D
0
A
L
E
S
e
c
n
e
r
e
f
e
R
y
c
n
e
u
q
e
r
F
)
z
H
M
(
e
g
n
a
R
3
X
Q
:
0
X
Q3
X
Q
:
0
X
Q
)
z
H
M
(
T
U
O
_
B
F
)
z
H
M
(
0
0
0
000
7
6
.
1
4
-
7
6
.
6
14
x8
6
.
6
6
1
-
8
6
.
6
67
6
.
1
4
-
7
6
.
6
1
00
0
1
0
1
7
6
.
1
4
-
7
6
.
6
13
x5
2
1
-
0
57
6
.
1
4
-
7
6
.
6
1
00
1
0
1
0
7
6
.
1
4
-
7
6
.
6
12
x4
3
.
3
8
-
4
3
.
3
37
6
.
1
4
-
7
6
.
6
1
0
0
1
111
7
6
.
1
4
-
7
6
.
6
11
x7
6
.
1
4
-
7
6
.
6
17
6
.
1
4
-
7
6
.
6
1
0
1
0
000
5
2
.
1
3
-
5
.
2
13
3
.
5
x6
5
.
6
6
1
-
3
6
.
6
65
2
.
1
3
-
5
.
2
1
01
0
1
0
1
5
2
.
1
3
-
5
.
2
14
x5
2
1
-
0
55
2
.
1
3
-
5
.
2
1
01
1
0
1
0
5
2
.
1
3
-
5
.
2
17
6
6
.
2
x4
3
.
3
8
-
4
3
.
3
35
2
.
1
3
-
5
.
2
1
0
1
1
111
5
2
.
1
3
-
5
.
2
13
3
.
1
x6
5
.
1
4
-
3
6
.
6
15
2
.
1
3
-
5
.
2
1
1
0
0
000
5
2
-
0
17
6
6
.
6
x8
6
.
6
6
1
-
7
6
.
6
65
2
-
0
1
10
01
0
1
5
2
-
0
15
x5
2
1
-
0
55
2
-
0
1
10
1
0
1
0
5
2
-
0
13
3
.
3
x5
2
.
3
8
-
0
3
.
3
35
2
-
0
1
1
0
1
111
5
2
-
0
16
6
.
1
x0
5
.
1
4
-
0
6
.
6
15
2
-
0
1
1
1
0
000
3
8
.
0
2
-
3
3
.
88
x4
6
.
6
6
1
-
4
6
.
6
63
8
.
0
2
-
3
3
.
8
11
0
1
0
1
3
8
.
0
2
-
3
3
.
86
x5
2
1
-
0
53
8
.
0
2
-
3
3
.
8
11
1
0
1
0
3
8
.
0
2
-
3
3
.
84
x2
3
.
3
8
-
2
3
.
3
33
8
.
0
2
-
3
3
.
8
1
1
1
111
3
8
.
0
2
-
3
3
.
82
x6
6
.
1
4
-
6
6
.
6
13
8
.
0
2
-
3
3
.
8
.
z
H
M
0
0
5
o
t
z
H
M
0
0
2
s
i
e
v
o
b
a
s
n
o
i
t
a
r
u
g
i
f
n
o
c
ll
a
r
o
f
e
g
n
a
r
y
c
n
e
u
q
e
r
f
O
C
V
:
E
T
O
N


Similar Part No. - ICS87608AYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CY ICST-ICS8761CY Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLF ICST-ICS8761CYLF Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLFT ICST-ICS8761CYLFT Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS8761CYLN ICST-ICS8761CYLN Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
More results

Similar Description - ICS87608AYILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87608I RENESAS-87608I Datasheet
353Kb / 16P
    bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com