Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6724MA Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6724MA
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6724MA Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6724MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6724MA Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Performance Characteristics A
V =2,RF = 1200
Ω,R
L = 100
Ω, unless otherwise
specified. (Continued)
HD2 & HD3 vs. V
OUT
HD2 & HD3 vs. V
OUT
20078911
20078913
HD2 & HD3 vs. Frequency
HD2 & HD3 vs. Frequency
20078912
20078914
Frequency Response vs. C
L
Frequency Response vs. C
L
20078925
20078924
www.national.com
8


Similar Part No. - LMH6724MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6724MA/NOPB TI1-LMH6724MA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
LMH6724MAX/NOPB TI1-LMH6724MAX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results

Similar Description - LMH6724MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com