Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1969 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1969
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1969 Datasheet HTML 4Page - Linear Technology LT1969 Datasheet HTML 5Page - Linear Technology LT1969 Datasheet HTML 6Page - Linear Technology LT1969 Datasheet HTML 7Page - Linear Technology LT1969 Datasheet HTML 8Page - Linear Technology LT1969 Datasheet HTML 9Page - Linear Technology LT1969 Datasheet HTML 10Page - Linear Technology LT1969 Datasheet HTML 11Page - Linear Technology LT1969 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1969
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Bandwidth Product
vs Supply Current
ICC, PER AMPLIFIER (mA)
0
1400
1200
1000
800
600
400
200
0
610
1959 G28
24
812
VS = ±6V
AV = –10
ICC, PER AMPLIFIER (mA)
0
75
76
77
78
79
81
2
46
8
1969 G29
10
12
80
VS = ±6V
MEASURED AT AV = –10
ICC, PER AMPLIFIER (mA)
0
350
4
1969 G30
200
100
12
6
50
0
400
300
250
150
810
12
RISING
FALLING
VS = ±6V
Phase Margin vs Supply Current
Slew Rate vs Supply Current
Output Impedance
vs Supply Current
Output Impedance
vs Frequency Low Power **
ICC PER AMPLIFIER (mA)
0.1
1
10
100
0
468
0.01
2
10
357
19
1969 G31
VS = ±6V
AV = 10
f = 1MHz
f = 600kHz
FREQUENCY (Hz)
0.1
1
10
100
1M
10M
100M
1969 G32
0.01
100k
VS = ±6V
AV = 100
AV = 10
Harmonic Distortion vs Output
Swing, AV = 2, VS = ±2.5V
Harmonic Distortion
vs Output Current, VS = ±6V
OUTPUT VOLTAGE (VP-P)
0
1969 G24
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
2
3
4
5
2nd
3rd
2nd
3rd
TA = 25°C
RF = RG = 1k
RC = 124Ω
CC = 100pF
f = 1MHz
SEE FIGURE 3
RL = 25Ω
RL = 100Ω
PEAK OUTPUT CURRENT (mA)
0
1969 G25
–30
–40
–50
–60
–70
–80
100
200
300
400
500
RL = 5Ω
RL = 10Ω
TA = 25°C
AV = 10
f = 1MHz
RL = 25Ω
Harmonic Distortion
vs Output Current, VS = ±2.5V
Undistorted Output Swing
vs Frequency
PEAK OUTPUT CURRENT (mA)
0
1969 G26
–30
–40
–50
–60
–70
–80
50
100
150
200
250
RL = 5Ω
RL = 10Ω
TA = 25°C
AV = 10
f = 1MHz
RL = 25Ω
FREQUENCY (Hz)
100k
12
10
8
6
4
2
0
1M
10M
1969 G27
TA = 25°C
AV = 10
RL = 100Ω
1% DISTORTION
VS = ±2.5V
VS = ±6V


Similar Part No. - LT1969

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1969 LINER-LT1969 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1969 LINER-LT1969_15 Datasheet
296Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
More results

Similar Description - LT1969

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1969 LINER-LT1969_15 Datasheet
296Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com